| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTHD4502N
|
60Kb / 6P |
Power MOSFET 30 V, 3.9 A, Dual N?묬hannel ChipFET
October, 2004 ??Rev. 4 |
|
NTMS4107N
|
61Kb / 6P |
Power MOSFET 30 V, 18 A, Single N?묬hannel, SO??
March, 2005 ??Rev. 1 |
|
NTMS4802N
|
116Kb / 5P |
Power MOSFET 30 V, 18 A, N?묬hannel, SO??
December, 2008 ??Rev. 0 |
|
NTMD4840N
|
141Kb / 5P |
Power MOSFET 30 V, 7.5 A, Dual N?묬hannel, SOIC??
September, 2009 ??Rev. 1 |
|
NTMFS4823N
|
141Kb / 6P |
Power MOSFET 30 V, 30 A, Single N?묬hannel, SO?? FL
January, 2010 ??Rev. 2 |
|
NTMD4N03R2G
|
126Kb / 8P |
Power MOSFET 4 A, 30 V, N?묬hannel SO?? Dual
August, 2013 ??Rev. 4 |
|
NTMS4107NR2G
|
77Kb / 6P |
30 V, 18 A, Single N?묬hannel, SO??
February, 2006 ??Rev. 3 |
 IXYS Corporation |
IXRFD630
|
255Kb / 8P |
30 A Low-Side RF MOSFET Driver
|
|
IXRFD631
|
209Kb / 8P |
30 A Low-Side RF MOSFET Driver
|
 Texas Instruments |
UCC27624
|
2Mb / 31P |
UCC27624 Dual Channel 30-V, 5-A High-Speed Low-Side Gate Driver
AUGUST 2021 |