Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68EC040RC25B Datasheet (PDF) - Freescale Semiconductor, Inc

MC68EC040RC25B Datasheet PDF - Freescale Semiconductor, Inc
Part # MC68EC040RC25B
Download  MC68EC040RC25B Download
File Size   3385.56 Kbytes
Page   442 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description M68040 Users Manual

MC68EC040RC25B Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68EC040RC25B Datasheet PDF - Freescale Semiconductor, Inc

Part # MC68EC040RC25B
Download  MC68EC040RC25B Click to download

File Size   3385.56 Kbytes
Page   442 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description M68040 Users Manual

MC68EC040RC25B Datasheet (HTML) - Freescale Semiconductor, Inc


MC68EC040RC25B Product details

INTRODUCTION
The MC68040, MC68040V, MC68LC040, MC68EC040, and MC68EC040V (collectively called M68040) are Motorola’s third generation of M68000-compatible, high-performance, 32-bit microprocessors. All five devices are virtual memory microprocessors employing multiple concurrent execution units and a highly integrated architecture that provides very high performance in a monolithic HCMOS device. They integrate an MC68030-compatible integer unit (IU) and two independent caches. The MC68040, MC68040V, and MC68LC040 contain dual, independent, demand-paged memory management units (MMUs) for instruction and data stream accesses and independent, 4-Kbyte instruction and data caches. The MC68040 contains an MC68881/MC68882-compatible floatingpoint unit (FPU). The use of multiple independent execution pipelines, multiple internal buses, and a full internal Harvard architecture, including separate physical caches for both instruction and data accesses, achieves a high degree of instruction execution parallelism on all three processors. The on-chip bus snoop logic, which directly supports cache coherency in multimaster applications, enhances cache functionality.

FEATURES
The main features of the M68040 are as follows:
• 6-Stage Pipeline, MC68030-Compatible IU
• MC68881/MC68882-Compatible FPU
• Independent Instruction and Data MMUs
• Simultaneously Accessible, 4-Kbyte Physical Instruction Cache and 4-Kbyte Physical Data Cache
• Low-Latency Bus Accesses for Reduced Cache Miss Penalty
• Multimaster/Multiprocessor Support via Bus Snooping
• Concurrent IU, FPU, MMU, and Bus Controller Operation Maximizes Throughput
• 32-Bit, Nonmultiplexed External Address and Data Buses with Synchronous Interface
• User Object-Code Compatible with All Earlier M68000 Microprocessors
• 4-Gbyte Direct Addressing Range
• Software Support Including Optimizing C Compiler and UNIX® System V Port




Similar Part No. - MC68EC040RC25B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68EC040RC25B MOTOROLA-MC68EC040RC25B Datasheet
3Mb / 442P
M68000-compatible, high-performance, 32-bit microprocessors
More results


Similar Description - MC68EC040RC25B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68341UMAD MOTOROLA-MC68341UMAD Datasheet
134Kb / 21P
Integrated Processor Users Manual
logo
Hynix Semiconductor
GMS30C2116 HYNIX-GMS30C2116 Datasheet
1Mb / 322P
USERS MANUAL
GMS81508A HYNIX-GMS81508A Datasheet
872Kb / 91P
USERS MANUAL
logo
Motorola, Inc
MC68SEC000CFU10 MOTOROLA-MC68SEC000CFU10 Datasheet
249Kb / 26P
M68000 USERS MANUAL ADDENDUM
MC68020 MOTOROLA-MC68020 Datasheet
1Mb / 306P
MICROPROCESSORS USERS MANUAL
logo
Freescale Semiconductor...
FRDM-KL25Z FREESCALE-FRDM-KL25Z Datasheet
1Mb / 14P
FRDM-KL25Z Users Manual
logo
Micro Commercial Compon...
MCF5407AI162 MCC-MCF5407AI162 Datasheet
5Mb / 546P
Integrated Microprocessor Users Manual
logo
Freescale Semiconductor...
MC68HC16Z1CAG16 FREESCALE-MC68HC16Z1CAG16 Datasheet
5Mb / 500P
M68HC16Z Series users manual
logo
Maxim Integrated Produc...
80515-FPBM-TFP2 MAXIM-80515-FPBM-TFP2 Datasheet
1Mb / 36P
USERS MANUAL
REV 2.3 August 8, 2011
logo
Panasonic Semiconductor
AWHA1C050 PANASONIC-AWHA1C050 Datasheet
2Mb / 30P
WHA1 Series Users Manual
2022.9
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com