Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3000AN-5 Datasheet (PDF) - Analog Devices

ADP3000AN-5 Datasheet PDF - Analog Devices
Part # ADP3000AN-5
Download  ADP3000AN-5 Download
File Size   650.17 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V, Adjustable High Frequency Switching Regulator

ADP3000AN-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3000AN-5 Datasheet PDF - Analog Devices

Part # ADP3000AN-5
Download  ADP3000AN-5 Click to download

File Size   650.17 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V, Adjustable High Frequency Switching Regulator

ADP3000AN-5 Datasheet (HTML) - Analog Devices


ADP3000AN-5 Product details

GENERAL DESCRIPTION
The ADP3000 is a versatile step-up/step-down switching regulator that operates from an input supply voltage of 2 V to 12 V in step-up mode and up to 30 V in step-down mode.
The ADP3000 operates in Pulse Frequency Mode (PFM) and consumes only 500 µA, making it highly suitable for applications that require low quiescent current. The ADP3000 can deliver an output current of 100 mA at 3 V from a 5 V input in step-down configuration and 180 mA at 3.3 V from a 2 V input in step-up configuration.
The auxiliary gain amplifier can be used as a low battery detector, linear regulator undervoltage lockout or error amplifier.
The ADP3000 operates at 400 kHz switching frequency. This allows the use of small external components (inductors and capacitors), making the device very suitable for space constrained designs.

FEATURES
   Operates at Supply Voltages from 2 V to 30 V
   Works in Step-Up or Step-Down Mode
   Very Few External Components Required
   High Frequency Operation Up to 400 kHz
   Low Battery Detector on Chip
   User Adjustable Current Limit
   Fixed and Adjustable Output Voltage
   8-Pin DIP and SO-8 Package
   Small Inductors and Capacitors

APPLICATIONS
   Notebook, Palmtop Computers
   Cellular Telephones
   Hard Disk Drives
   Portable Instruments
   Pagers




Similar Part No. - ADP3000AN-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3000AN-5 AD-ADP3000AN-5 Datasheet
342Kb / 12P
Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
REV.0
More results


Similar Description - ADP3000AN-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
ADP1108 AD-ADP1108 Datasheet
234Kb / 12P
Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
ADP1110 AD-ADP1110 Datasheet
418Kb / 16P
Micropower, Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
ADP1111 AD-ADP1111 Datasheet
406Kb / 16P
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
ADP3000 AD-ADP3000 Datasheet
342Kb / 12P
Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
REV.0
ADP1111 AD-ADP1111_09 Datasheet
322Kb / 15P
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
ADP1111ANZ AD-ADP1111ANZ Datasheet
322Kb / 15P
Micropower, Step-Up/Step-Down SW lator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1110 AD-ADP1110_15 Datasheet
426Kb / 16P
Micropower, Step-Up/Step-Down Switching Regulator Adjustable and Fixed 5 V, 12 V
REV. 0
ADP1111 AD-ADP1111_15 Datasheet
322Kb / 15P
Micropower, Step-Up/Step-Down SW Regulator Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com