Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIM1414-8 Datasheet (PDF) - Toshiba Semiconductor

TIM1414-8 Datasheet PDF - Toshiba Semiconductor
Part # TIM1414-8
Download  TIM1414-8 Download
File Size   184.3 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description MICROWAVE POWER GaAs FET

TIM1414-8 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIM1414-8 Datasheet PDF - Toshiba Semiconductor

Part # TIM1414-8
Download  TIM1414-8 Click to download

File Size   184.3 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description MICROWAVE POWER GaAs FET

TIM1414-8 Datasheet (HTML) - Toshiba Semiconductor


TIM1414-8 Product details

FEATURES
■ LOW INTERMODULATION DISTORTION
        IM3=-45 dBc at Pout= 28.0dBm
        Single Carrier Level
■ HIGH POWER P1dB=39.5 dBm at 14.0 GHz to 14.5 GHz
■ HIGH GAIN G1dB=5.0 dB at 14.0 GHz to 14.5 GHz
■ BROAD BAND INTERNALLY MATCHED FET
■ HERMETICALLY SEALED PACKAGE




Similar Part No. - TIM1414-8

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TIM1414-8-252 TOSHIBA-TIM1414-8-252 Datasheet
164Kb / 4P
HIGH POWER P1dB=39.0 dBm at 13.75 GHz to 14.5 GHz
More results


Similar Description - TIM1414-8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF1601B MITSUBISHI-MGF1601B_1 Datasheet
203Kb / 4P
MICROWAVE POWER GaAs FET
MGF2407A MITSUBISHI-MGF2407A_1 Datasheet
369Kb / 3P
MICROWAVE POWER GaAs FET?
logo
Toshiba Semiconductor
TIM6472-45SL TOSHIBA-TIM6472-45SL Datasheet
492Kb / 4P
MICROWAVE POWER GaAs FET
TIM5964-80SL TOSHIBA-TIM5964-80SL Datasheet
153Kb / 4P
MICROWAVE POWER GaAs FET
TIM5359-60SL TOSHIBA-TIM5359-60SL Datasheet
159Kb / 4P
MICROWAVE POWER GaAs FET
TIM1414-18L TOSHIBA-TIM1414-18L Datasheet
138Kb / 4P
MICROWAVE POWER GaAs FET
TIM5053-8SL TOSHIBA-TIM5053-8SL Datasheet
144Kb / 4P
MICROWAVE POWER GaAs FET
TIM1213-30L TOSHIBA-TIM1213-30L Datasheet
348Kb / 8P
MICROWAVE POWER GaAs FET
2019
TIM5964-30UL TOSHIBA-TIM5964-30UL Datasheet
334Kb / 8P
MICROWAVE POWER GaAs FET
2020
TIM6472-60SL TOSHIBA-TIM6472-60SL Datasheet
328Kb / 6P
MICROWAVE POWER GaAs FET
1_20220825_No1092
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com