Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1521 Datasheet (PDF) - Analog Intergrations Corporation

AIC1521 Datasheet PDF - Analog Intergrations Corporation
Part # AIC1521
Download  AIC1521 Download
File Size   178.56 Kbytes
Page   9 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Single High-Side Power Switch With Control Function

AIC1521 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1521 Datasheet PDF - Analog Intergrations Corporation

Part # AIC1521
Download  AIC1521 Click to download

File Size   178.56 Kbytes
Page   9 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Single High-Side Power Switch With Control Function

AIC1521 Datasheet (HTML) - Analog Intergrations Corporation


AIC1521 Product details

DESCRIPTION
The AIC1521 is an integrated high-side power switch for self-powered and bus-powered Universal Serial Bus (USB) applications. The high-side switch is a MOSFET with 120mW RDS(ON), which meets USB voltage drop requirements for maximum transmission wire length. The switch ON/OFF is controlled by CTL pin.

FEATURES
• 120mΩ (5V Input) High-Side MOSFET Switch.
• 500mA Continuous Load Current.
• 80μA Typical On-State Supply Current.
• 1μA Typical Off-State Supply Current.
• Current-Limit / Short Circuit Protection.
• Thermal Limiting Protection under Overcurrent Condition.
• Undervoltage Lockout Ensures that Switch is off at Start Up.
• Output can be Forced Higher than Input (Off-State).
• Slow Turn ON and Fast Turn OFF.
• Active-High or Active-Low Enable.

APPLICATIONS
• Motherboard USB Management.
• USB Power Management.
• Hot Plug-In Power Supplies.
• Battery-Charger Circuit.
• Power Distribution Switch.




Similar Part No. - AIC1521

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1520 AIC-AIC1520 Datasheet
212Kb / 7P
Single High-Side Power Switch
AIC1520CX AIC-AIC1520CX Datasheet
212Kb / 7P
Single High-Side Power Switch
AIC1520CZ AIC-AIC1520CZ Datasheet
212Kb / 7P
Single High-Side Power Switch
AIC1523 AIC-AIC1523 Datasheet
183Kb / 8P
500mA Power Distribution Switch
AIC1523-0CO AIC-AIC1523-0CO Datasheet
183Kb / 8P
500mA Power Distribution Switch
More results


Similar Description - AIC1521

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-5151S SANKEN-SI-5151S Datasheet
28Kb / 2P
High-side Power Switch with Diagnostic Function
SI-5152S SANKEN-SI-5152S Datasheet
28Kb / 2P
High-side Power Switch with Diagnostic Function
SI-5153S SANKEN-SI-5153S Datasheet
27Kb / 2P
High-side Power Switch with Diagnostic Function and Built-in Zener Diode
SI-5154S SANKEN-SI-5154S Datasheet
28Kb / 2P
High-side Power Switch with Diagnostic Function and Built-in Zener Diode
SI-5155S SANKEN-SI-5155S Datasheet
28Kb / 2P
High-side Power Switch with Diagnostic Function
logo
Analog Intergrations Co...
AIC1520 AIC-AIC1520 Datasheet
212Kb / 7P
Single High-Side Power Switch
logo
Silicon Standard Corp.
SS6521 SSC-SS6521 Datasheet
542Kb / 8P
Single High-Side Power Switch With Control Function
logo
Torex Semiconductor
XC8107-15 TOREX-XC8107-15 Datasheet
707Kb / 27P
High Function Power Switch
XC8108 TOREX-XC8108_15 Datasheet
660Kb / 25P
High Function Power Switch
logo
New Japan Radio
NJW4830 NJRC-NJW4830 Datasheet
323Kb / 11P
Single High Side Switch
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com