Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1562 Datasheet (PDF) - Analog Intergrations Corporation

AIC1562 Datasheet PDF - Analog Intergrations Corporation
Part # AIC1562
Download  AIC1562 Download
File Size   256.24 Kbytes
Page   7 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description High-Efficiency, Bootstrapped DC/DC Converter

AIC1562 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1562 Datasheet PDF - Analog Intergrations Corporation

Part # AIC1562
Download  AIC1562 Click to download

File Size   256.24 Kbytes
Page   7 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description High-Efficiency, Bootstrapped DC/DC Converter

AIC1562 Datasheet (HTML) - Analog Intergrations Corporation


AIC1562 Product details

DESCRIPTION
The AIC1562 is a high performance monolithic DC/DC converter drive IC with outputbootstrapping capability, designed specifically for driving N-channel MOSFET to achieve maximum possible power conversion efficiency. The device consists of an internal temperature compensated reference, comparator, controlled duty cycle oscillator, bootstrapped driver and a 800mA output switch. Working with the AIC1741, a low power adjustable regulator, the AIC1562 works at 100% duty cycle under heavy load transient conditions to minimize transient response time, making it an idea precision switching power solution to stringent requirements on computer mother boards.

FEATURES
• 3V to 20V Input Voltage Operation.
• Internal 800mA Switch.
• Bootstrapped Driver for N-Channel MOSFET.
• High Efficiency (up to 90%).
• Fast Transient Response.
• Internal ±2% Reference.
• Low Quiescent Current at 1.6mA.
• Frequency Operation from 200Hz to 200KHz.

APPLICATIONS
• CPU Power Supplies for Mother Boards.
• DC/DC Converters for CPU VRMs.
• Step-Down DC-DC Converter Module.




Similar Part No. - AIC1562

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1563 AIC-AIC1563 Datasheet
309Kb / 10P
Versatile DC/DC Converter
AIC1563CN AIC-AIC1563CN Datasheet
309Kb / 10P
Versatile DC/DC Converter
AIC1563CS AIC-AIC1563CS Datasheet
309Kb / 10P
Versatile DC/DC Converter
AIC1566 AIC-AIC1566 Datasheet
251Kb / 7P
4-bit DAC, Simple PWM Power Regulator With Linear Controller
AIC1566CS AIC-AIC1566CS Datasheet
251Kb / 7P
4-bit DAC, Simple PWM Power Regulator With Linear Controller
More results


Similar Description - AIC1562

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1204T PHILIPS-TEA1204T Datasheet
109Kb / 20P
High efficiency DC/DC converter
1998 Mar 02
TEA1205AT PHILIPS-TEA1205AT Datasheet
107Kb / 16P
High efficiency DC/DC converter
1998 Mar 24
TEA1206T PHILIPS-TEA1206T Datasheet
78Kb / 16P
High efficiency DC/DC converter
1999 Sep 16
TEA1207T PHILIPS-TEA1207T Datasheet
77Kb / 16P
High efficiency DC/DC converter
1999 Oct 21
logo
Hi-Sincerity Mocroelect...
H1563P HSMC-H1563P Datasheet
73Kb / 8P
HIGH-EFFICIENCY DC/DC CONVERTER
logo
NXP Semiconductors
TEA1208T PHILIPS-TEA1208T Datasheet
88Kb / 20P
High efficiency DC/DC converter
2002 Nov 15
logo
Toshiba Semiconductor
TPC8021-H TOSHIBA-TPC8021-H Datasheet
501Kb / 7P
High-Efficiency DC/DC Converter Applications
TPC8022-H TOSHIBA-TPC8022-H Datasheet
331Kb / 7P
High-Efficiency DC/DC Converter Applications
TPC8212-H TOSHIBA-TPC8212-H Datasheet
446Kb / 7P
High-Efficiency DC/DC Converter Applications
logo
Unisonic Technologies
UTC3563 UTC-UTC3563_15 Datasheet
247Kb / 10P
HIGH-EFFICIENCY DC/DC CONVERTER
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com