Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1570 Datasheet (PDF) - Analog Intergrations Corporation

AIC1570 Datasheet PDF - Analog Intergrations Corporation
Part # AIC1570
Download  AIC1570 Download
File Size   418.45 Kbytes
Page   18 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 5-bit DAC, Synchronous PWM Power Regulator with LDO and Linear Controller

AIC1570 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1570 Datasheet PDF - Analog Intergrations Corporation

Part # AIC1570
Download  AIC1570 Click to download

File Size   418.45 Kbytes
Page   18 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 5-bit DAC, Synchronous PWM Power Regulator with LDO and Linear Controller

AIC1570 Datasheet (HTML) - Analog Intergrations Corporation


AIC1570 Product details

DESCRIPTION
The AIC1570 combines a synchronous voltage mode controller with a low dropout linear regulator and a linear controller as well as the monitoring and protection functions in this chip. The PWM controller regulates the microprocessor core voltage with a synchronous rectified buck converter. The linear controller regulates power for the GTL bus and the linear regulator provides power for the clock driver circuit.

FEATURES
• Compatible with HIP6018.
• Provides 3 Regulated Voltages for Microprocessor Core, Clock and GTL Power.
• Simple Voltage-Mode PWM Control.
• Dual N-Channel MOSFET Synchronous Driver.
• Operates from +3.3V, +5V and +12V Inputs.
• Fast Transient Response.
• Full 0% to 100% Duty Ratios.
• ±1.0% Output Voltage for VCORE and ±2.0% Output Voltage Reference for VCLK and VGTL.
• TTL Compatible 5-bit Digital-to-Analog Core Output Voltage Selection. Range from 1.3V to 3.5V.
    0.1V Steps from 2.1V to 3.5V.
    0.05V Steps from 1.3V to 2.05V.
• Adjustable Current Limit without External Sense Resistor.
• Microprocessor Core Voltage Protection against Shorted MOSFET.
• Power Good Output Voltage Monitor.
• Over-Voltage and Over-Current Fault Monitors.
• 200KHz Free-Running Oscillator Programmable up to 350KHz.




Similar Part No. - AIC1570

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1571 AIC-AIC1571 Datasheet
462Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
AIC1571CS AIC-AIC1571CS Datasheet
462Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
AIC1573 AIC-AIC1573 Datasheet
316Kb / 19P
5-bit DAC, Synchronous PWM Power Regulator with Simple PWM Power Regulator, LDO And Linear Controller
AIC1573CS AIC-AIC1573CS Datasheet
316Kb / 19P
5-bit DAC, Synchronous PWM Power Regulator with Simple PWM Power Regulator, LDO And Linear Controller
AIC1574 AIC-AIC1574 Datasheet
381Kb / 20P
5-bit DAC, Synchronous PWM Power Regulator with Triple Linear Controllers
More results


Similar Description - AIC1570

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1566 AIC-AIC1566 Datasheet
251Kb / 7P
4-bit DAC, Simple PWM Power Regulator With Linear Controller
AIC1567 AIC-AIC1567 Datasheet
237Kb / 7P
5-bit DAC, Synchronous PWM Power Regulator with Linear Controller
AIC1569A AIC-AIC1569A Datasheet
240Kb / 7P
5-bit DAC, Synchronous PWM Power Regulator
AIC1571 AIC-AIC1571 Datasheet
462Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
AIC1573 AIC-AIC1573 Datasheet
316Kb / 19P
5-bit DAC, Synchronous PWM Power Regulator with Simple PWM Power Regulator, LDO And Linear Controller
AIC1574 AIC-AIC1574 Datasheet
381Kb / 20P
5-bit DAC, Synchronous PWM Power Regulator with Triple Linear Controllers
logo
Silicon Standard Corp.
SS6569A SSC-SS6569A Datasheet
480Kb / 7P
5-bit DAC, Synchronous PWM Power Controller
SS6570 SSC-SS6570 Datasheet
697Kb / 18P
5-bit DAC, Synchronous PWM Power Regulatro with LDO and Linear Controller
SS6571 SSC-SS6571 Datasheet
698Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
Synchronous Buck PWM and Linear Power Controller
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com