Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1686 Datasheet (PDF) - Analog Intergrations Corporation

AIC1686 Datasheet PDF - Analog Intergrations Corporation
Part # AIC1686
Download  AIC1686 Download
File Size   243.82 Kbytes
Page   8 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Off-Line Power Supply Protection IC with Shunt Regulator

AIC1686 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1686 Datasheet PDF - Analog Intergrations Corporation

Part # AIC1686
Download  AIC1686 Click to download

File Size   243.82 Kbytes
Page   8 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Off-Line Power Supply Protection IC with Shunt Regulator

AIC1686 Datasheet (HTML) - Analog Intergrations Corporation


AIC1686 Product details

DESCRIPTION
The AIC1686 is a supervisory and protection IC intended for use in off-line, multiple output power supplies. It consists of protection circuitry, power good indicator, remote ON/OFF control, and precision shunt regulator. The overvoltage protection (OVP) function is for 3.3V, 5V, and 12V outputs. In addition, an uncommitted fault detection input (PRIN) is available for use with other protection functions, such as overcurrent, undervoltage, and/or short-circuit protection of outputs.

FEATURES
• Overvoltage Protection for 3.3V, 5V, and 12V Outputs.
• Power Good Signal for 5V Output.
• Remote ON/OFF Input.
• Uncommitted Protection Input.
• 5V Regulator with 25mA Source Current.
• 2.5V Precision Shunt Regulator.
• 8V to 16V Operation.
• Low Power Consumption.

APPLICATIONS
• PC Off-Line Power Management.




Similar Part No. - AIC1686

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1680 AIC-AIC1680 Datasheet
291Kb / 9P
Ultra Low Power Voltage Detector
AIC1680-C16CU AIC-AIC1680-C16CU Datasheet
291Kb / 9P
Ultra Low Power Voltage Detector
AIC1680-C16CV AIC-AIC1680-C16CV Datasheet
291Kb / 9P
Ultra Low Power Voltage Detector
AIC1680-C16CX AIC-AIC1680-C16CX Datasheet
291Kb / 9P
Ultra Low Power Voltage Detector
AIC1680-C17CU AIC-AIC1680-C17CU Datasheet
291Kb / 9P
Ultra Low Power Voltage Detector
More results


Similar Description - AIC1686

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1888 TI-UCC1888 Datasheet
299Kb / 6P
Off-line Power Supply Controller
UCC1889 TI-UCC1889 Datasheet
454Kb / 7P
Off-line Power Supply Controller
UCC1889 TI1-UCC1889_13 Datasheet
1Mb / 14P
Off-line Power Supply Controller
logo
Sanken electric
LC552XD SANKEN-LC552XD Datasheet
235Kb / 9P
Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC5511D SANKEN-LC5511D Datasheet
234Kb / 9P
Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC5523F SANKEN-LC5523F Datasheet
255Kb / 11P
Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC5525F SANKEN-LC5525F Datasheet
254Kb / 11P
Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
logo
Texas Instruments
UCC2888 TI1-UCC2888 Datasheet
350Kb / 9P
OFF-LINE POWER SUPPLY CONTROLLER
logo
Feeling Technology Corp...
FP133 FEELING-FP133 Datasheet
279Kb / 10P
Over Current Protection IC With Shunt Regulator
logo
Power Integrations, Inc...
LNK3604 POWERINT-LNK3604 Datasheet
2Mb / 26P
Energy Efficient, Low Power Off-Line Switcher IC With Integrated System Level Protection
October 2020
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com