Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1721 Datasheet (PDF) - Analog Intergrations Corporation

AIC1721 Datasheet PDF - Analog Intergrations Corporation
Part # AIC1721
Download  AIC1721 Download
File Size   208.77 Kbytes
Page   6 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 3-pin Low Dropout Linear Regulator

AIC1721 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1721 Datasheet PDF - Analog Intergrations Corporation

Part # AIC1721
Download  AIC1721 Click to download

File Size   208.77 Kbytes
Page   6 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 3-pin Low Dropout Linear Regulator

AIC1721 Datasheet (HTML) - Analog Intergrations Corporation


AIC1721 Product details

DESCRIPTION
The AIC1721/1721D is the enhanced CMOS version of the LP2950. The superior characteristics of the AIC1721/1721D include zero base current loss, very low dropout voltage, and 1% accuracy output voltage. Typica-l ground current remains approximately 55µA, from no load to maximum loading conditions. Dropout voltage at 100mA output current is significantly lower than its bipolar counterpart: 130mV for the AIC1721-5/1721D-5, and 180mV for the AIC1721/ 1721D. Output current limiting and thermal limiting are built in to provide maximal protection to the AIC1721/ 1721D against fault conditions.

FEATURES
• Low Dropout Voltage of 130mV at 100mA Output Current (5V Output Version).
• Guaranteed 150mA/300mA Output Current.
• Internal 1.3Ω P-MOSFET Draws no Base Current.
• Low Ground Current at 55µA.
• 1% Accuracy Output Voltage of 3.3V/5V.
• Input Voltage Range up to 12V (5V Output Version).
• Extremely Tight Load and Line Regulation.
• Fast Transient Response.
• Needs only 1µF for Stability.
• Current and Thermal Limiting.

 APPLICATIONS
• Voltage Regulator for LAN Cards.
• Wireless Communication Systems.
• Battery Powered Systems.




Similar Part No. - AIC1721

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1720 AIC-AIC1720 Datasheet
181Kb / 5P
100mA Low Dropout Linear Regulator
AIC1720-30 AIC-AIC1720-30 Datasheet
181Kb / 5P
100mA Low Dropout Linear Regulator
AIC1720-30CS AIC-AIC1720-30CS Datasheet
181Kb / 5P
100mA Low Dropout Linear Regulator
AIC1720-30CX AIC-AIC1720-30CX Datasheet
181Kb / 5P
100mA Low Dropout Linear Regulator
AIC1720-30CZL AIC-AIC1720-30CZL Datasheet
181Kb / 5P
100mA Low Dropout Linear Regulator
More results


Similar Description - AIC1721

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC283 TI-UCC283 Datasheet
214Kb / 8P
Low Dropout 3 Ampere Linear Regulator Family
UCC283-3 TI-UCC283-3 Datasheet
466Kb / 17P
LOW DROPOUT 3-A LINEAR REGULATOR FAMILY
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
Low Dropout Linear Regulator
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
LOW-DROPOUT LINEAR REGULATOR
UCC283-3 TI1-UCC283-3_12 Datasheet
896Kb / 22P
LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
logo
Guangdong Kexin Industr...
KS1117 KEXIN-KS1117 Datasheet
1,018Kb / 3P
Low Dropout Linear Regulator
logo
Diodes Incorporated
AZ1117C DIODES-AZ1117C Datasheet
839Kb / 23P
LOW DROPOUT LINEAR REGULATOR
Rev 4
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
low-dropout linear regulator.
logo
Diodes Incorporated
AZ2117 DIODES-AZ2117 Datasheet
355Kb / 9P
LOW DROPOUT LINEAR REGULATOR
July 2017
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com