Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1730 Datasheet (PDF) - Analog Intergrations Corporation

AIC1730 Datasheet PDF - Analog Intergrations Corporation
Part # AIC1730
Download  AIC1730 Download
File Size   222.34 Kbytes
Page   12 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Low Noise Low Dropout, 150mA Linear Regulator

AIC1730 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1730 Datasheet PDF - Analog Intergrations Corporation

Part # AIC1730
Download  AIC1730 Click to download

File Size   222.34 Kbytes
Page   12 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Low Noise Low Dropout, 150mA Linear Regulator

AIC1730 Datasheet (HTML) - Analog Intergrations Corporation


AIC1730 Product details

DESCRIPTION
The AIC1730 is a low noise, low dropout linear regulator, housed in a small SOT-23-5 & SOT-23- 6W package. The device is in the “ON” state when the SHDN pin is set to a logic high level. An internal P-MOSFET pass transistor is used to achieve a low dropout voltage of 90mV at 50mA load current. It offers high precision output voltage of ±2%. The very low quiescent current and low dropout voltage make this device ideal for battery powered applications. The internal reverse bias protection eliminates the requirement for a reverse voltage protection diode. The high ripple rejection and low noise provide enhanced performance for critical applications. An external capacitor can be connected to the noise bypass pin to reduce the output noise level.

FEATURES
● Available in ±2% Output Tolerance.
● 1.8V to 3.3V Output Voltage with 0.1V Increment.
● Active Low Shutdown Control.
● Very Low Quiescent Current.
● Very Low Dropout Voltage.
● Miniature Package (SOT-23-5 & SOT-23-6W)
● Short Circuit and Thermal Protection.
● Very Low Noise.

APPLICATIONS
● Cellular Telephones.
● Pagers.
● Personal Communication Equipment.
● Cordless Telephones.
● Portable Instrumentation.
● Portable Consumer Equipment.
● Radio Control Systems.
● Low Voltage Systems.
● Battery Powered Systems.




Similar Part No. - AIC1730

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1730-18 AIC-AIC1730-18 Datasheet
269Kb / 12P
150mA, Low Noise, Low Dropout Linear Regulator
AIC1730-19 AIC-AIC1730-19 Datasheet
269Kb / 12P
150mA, Low Noise, Low Dropout Linear Regulator
AIC1730-20 AIC-AIC1730-20 Datasheet
269Kb / 12P
150mA, Low Noise, Low Dropout Linear Regulator
AIC1730-21 AIC-AIC1730-21 Datasheet
269Kb / 12P
150mA, Low Noise, Low Dropout Linear Regulator
AIC1730-22 AIC-AIC1730-22 Datasheet
269Kb / 12P
150mA, Low Noise, Low Dropout Linear Regulator
More results


Similar Description - AIC1730

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
Low Dropout 150mA Linear Regulator
logo
ADDtek Corp
AMC8878 ADDTEK-AMC8878 Datasheet
271Kb / 9P
LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
150mA Low-Noise Low-Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
150mA Low-Noise, Low-Dropout Linear Regulator
logo
Monolithic Power System...
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
150mA Low Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
150mA, Low Noise, Low Dropout Linear Regulator
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com