Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1740 Datasheet (PDF) - Analog Intergrations Corporation

AIC1740 Datasheet PDF - Analog Intergrations Corporation
Part # AIC1740
Download  AIC1740 Download
File Size   116.64 Kbytes
Page   7 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Low Output Voltage, 500mA Low Dropout Linear Regulator

AIC1740 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1740 Datasheet PDF - Analog Intergrations Corporation

Part # AIC1740
Download  AIC1740 Click to download

File Size   116.64 Kbytes
Page   7 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Low Output Voltage, 500mA Low Dropout Linear Regulator

AIC1740 Datasheet (HTML) - Analog Intergrations Corporation


AIC1740 Product details

DESCRIPTION
The AIC1740 is a 3-pin low dropout linear regulator. The superior characteristics of the AIC1740 include zero base current loss, very low dropout voltage, and 2% accuracy output voltage. Typical ground current remains approximately 65mA, from no load to maximum loading conditions. Dropout voltage is exceptionally low. Output current limiting and thermal limiting are built in to provide maximal protection to the AIC1740 against fault conditions.
The AIC1740 comes in the popular SOT-223, TO-251 and TO-252 packages.

FEATURES
• Low Dropout Voltage of 900mV at 500mA Output Current (3.0V Output Version).
• Guaranteed 500mA Output Current.
• Internal 1.5W P-MOSFET Draws no Base Current.
• Low Ground Current at 65mA.
• 2% Accuracy Output Voltage of 1.8V/ 2.0V/ 2.5V/ 2.7V/ 3.0V.
• Input Voltage Range up to 12V.
• Needs only 4.7mF for Stability.
• Current and Thermal Limiting.

APPLICATIONS
• Voltage Regulator for CD-ROM Drivers.
• Voltage Regulator for LAN Cards.
• Voltage Regulator for Monitor Microprocessor.
• Voltage Regulator for RAM Module.
• Wireless Communication Systems.
• Battery Powered Systems.




Similar Part No. - AIC1740

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1741 AIC-AIC1741 Datasheet
77Kb / 6P
LOW DROPOUT ADJUSTABLE REGULATOR
AIC1741CN AIC-AIC1741CN Datasheet
77Kb / 6P
LOW DROPOUT ADJUSTABLE REGULATOR
AIC1741CS AIC-AIC1741CS Datasheet
77Kb / 6P
LOW DROPOUT ADJUSTABLE REGULATOR
AIC1742 AIC-AIC1742 Datasheet
639Kb / 12P
Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
AIC1742-15ACVBG AIC-AIC1742-15ACVBG Datasheet
639Kb / 12P
Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
More results


Similar Description - AIC1740

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3021 LINER-LT3021 Datasheet
235Kb / 16P
500mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
500mA Low Dropout Linear Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
500mA, Low-Dropout Linear Voltage Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
500mA Low Dropout Linear Regulator
logo
Linear Dimensions Semic...
LT3021ES8PBF LINEAR_DIMENSIONS-LT3021ES8PBF Datasheet
195Kb / 16P
500mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Linear Technology
LT3021 LINER-LT3021_15 Datasheet
195Kb / 16P
500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.2 LINER-LT3021-1.2_15 Datasheet
195Kb / 16P
500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.5 LINER-LT3021-1.5_15 Datasheet
195Kb / 16P
500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.8 LINER-LT3021-1.8_15 Datasheet
195Kb / 16P
500mA, Low Voltage, Very Low Dropout Linear Regulator
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com