Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1781 Datasheet (PDF) - Analog Intergrations Corporation

AIC1781 Datasheet PDF - Analog Intergrations Corporation
Part # AIC1781
Download  AIC1781 Download
File Size   423.96 Kbytes
Page   17 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Battery Charge Controller

AIC1781 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1781 Datasheet PDF - Analog Intergrations Corporation

Part # AIC1781
Download  AIC1781 Click to download

File Size   423.96 Kbytes
Page   17 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Battery Charge Controller

AIC1781 Datasheet (HTML) - Analog Intergrations Corporation


AIC1781 Product details

DESCRIPTION
The AIC1781 fast charge controller IC is designed for intelligent charging of NiMH or NiCd batteries without the risk of overcharge. −∆V detection (-0.25%), 0 V ∆ detection (peak voltage timer) and ∆ ∆ T / t detection are the primary methods employed by the AIC1781 to terminate fast charge. The fast charge can also be cut off by maximum battery voltage and maximum battery temperature detection along with the safety timer to prevent charging under fault conditions of the charging system or the battery itself.

FEATURES
• Fast Charge Control of NiMH/NiCd Batteries, even with a Fluctuating Charging Current.
• Fast Charge Termination by: ∆ ∆ T / t, −∆V, 0 V ∆ , Safety Timer, Maximum Temperature, Maximum Voltage.
• Linearly Adjustable ∆ ∆ T / t Detection Slope and Safety Timer.
• Adjustable Peak Voltage Timer for 0 V ∆ .
• Battery Voltage Protection Range Selectable.
• Selectable Battery Temperature Protection Mode.
• Protection against Battery Voltage and Battery Temperature Faults.
• Selectable LED Display Mode for Battery Status.
• Five Pulsed Trickle Charge Modes.
• Discharge-before-Charge Function Available for Eliminating Memory Effect.
• Quick and Easy Testing for Production.
• 16-pin DIP or SO Packages.

APPLICATIONS
Battery Fast Chargers for:
• Mobile Phones.
• Notebook and Laptop Personal Computers.
• Portable Power Tools and Toys.
• Portable Communication Equipments.
• Portable Video & Stereo Equipments.




Similar Part No. - AIC1781

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1781A AIC-AIC1781A Datasheet
393Kb / 18P
Battery Charge Controller
AIC1781ACNTB AIC-AIC1781ACNTB Datasheet
393Kb / 18P
Battery Charge Controller
AIC1781ACNTR AIC-AIC1781ACNTR Datasheet
393Kb / 18P
Battery Charge Controller
AIC1781ACSTB AIC-AIC1781ACSTB Datasheet
393Kb / 18P
Battery Charge Controller
AIC1781ACSTR AIC-AIC1781ACSTR Datasheet
393Kb / 18P
Battery Charge Controller
More results


Similar Description - AIC1781

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3420-42 NSC-LM3420-42 Datasheet
393Kb / 17P
Lithium-Ion Battery Charge Controller
logo
Semtech Corporation
SC1766 SEMTECH-SC1766 Datasheet
259Kb / 11P
BATTERY CHARGE CONTROLLER
logo
Analog Intergrations Co...
AIC1782 AIC-AIC1782 Datasheet
361Kb / 17P
Dual-Battery Charge Controller
AIC1783 AIC-AIC1783 Datasheet
159Kb / 11P
Battery Charge Controller
logo
Dallas Semiconductor
DS2770 DALLAS-DS2770 Datasheet
272Kb / 27P
Battery Monitor and Charge Controller
logo
Analog Devices
AIC1761 AD-AIC1761 Datasheet
245Kb / 15P
BATTERY CHARGE CONTROLLER
logo
Analog Intergrations Co...
AIC1781A AIC-AIC1781A Datasheet
393Kb / 18P
Battery Charge Controller
AIC1784 AIC-AIC1784 Datasheet
547Kb / 16P
Battery Charge Controller
logo
Silicon Standard Corp.
SS6781B SSC-SS6781B Datasheet
584Kb / 20P
Battery Charge Controller
logo
List of Unclassifed Man...
8602GN ETC2-8602GN Datasheet
105Kb / 2P
Battery Charge Controller
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com