Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1802 Datasheet (PDF) - Analog Intergrations Corporation

AIC1802 Datasheet PDF - Analog Intergrations Corporation
Part # AIC1802
Download  AIC1802 Download
File Size   132.18 Kbytes
Page   10 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Two-Cell Lithium-Ion Battery Protection IC

AIC1802 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1802 Datasheet PDF - Analog Intergrations Corporation

Part # AIC1802
Download  AIC1802 Click to download

File Size   132.18 Kbytes
Page   10 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Two-Cell Lithium-Ion Battery Protection IC

AIC1802 Datasheet (HTML) - Analog Intergrations Corporation


AIC1802 Product details

DESCRIPTION
The AIC1802 battery protection IC is designed to protect lithium-ion batteries from damage due to overcharging, overdischarging, and overcurrent for two series cells in portable phones and laptop computers. It can be a part of the low-cost charge control system within a twocell lithium-ion battery pack.

FEATURES
• Ultra-Low Quiescent Current at 10mA (VCC=7V, VC=3.5V).
• Ultra-Low Power-Down Current at 0.2mA (VCC =3.8V, VC=1.9V).
• Wide Supply Range: 2 to 18V.
• Precision Overcharge Protection Voltage 4.35V ± 30mV for the AIC1802A 4.30V ± 30mV for the AIC1802B 4.25V ± 30mV for the AIC1802C
• Built-in Delay Circuits for Overcharge, Overdischarge and Overcurrent Protection.
• Overcharge and Overdischarge Delay Time can be Extended by External Capacitors.
• Built-in Cell-balancing Bleeding Network under Overcharge Condition.

APPLICATIONS
• Protection IC for Two-Cell Lithium-Ion Battery Pack.




Similar Part No. - AIC1802

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1803 AIC-AIC1803 Datasheet
161Kb / 12P
Three-Cell Lithium-Ion Battery Protection IC
AIC1803ACS AIC-AIC1803ACS Datasheet
161Kb / 12P
Three-Cell Lithium-Ion Battery Protection IC
AIC1803BCS AIC-AIC1803BCS Datasheet
161Kb / 12P
Three-Cell Lithium-Ion Battery Protection IC
AIC1803CCS AIC-AIC1803CCS Datasheet
161Kb / 12P
Three-Cell Lithium-Ion Battery Protection IC
AIC1803DCS AIC-AIC1803DCS Datasheet
161Kb / 12P
Three-Cell Lithium-Ion Battery Protection IC
More results


Similar Description - AIC1802

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1803 AIC-AIC1803 Datasheet
161Kb / 12P
Three-Cell Lithium-Ion Battery Protection IC
AIC1811 AIC-AIC1811 Datasheet
118Kb / 8P
One-Cell Lithium-Ion Battery Protection IC
AIC1821 AIC-AIC1821 Datasheet
207Kb / 7P
ONE-CELL LITHIUM-ION BATTERY PROTECTION IC
logo
Silicon Standard Corp.
SS6802 SSC-SS6802 Datasheet
253Kb / 10P
TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
SS6803 SSC-SS6803 Datasheet
354Kb / 12P
Three-cell Lithium-Ion Battery Protection IC
SS6821 SSC-SS6821 Datasheet
157Kb / 10P
Single-Cell Lithium-Ion Battery Protection IC
logo
E-CMOS Corporation
EC9523 E-CMOS-EC9523 Datasheet
846Kb / 10P
Single Cell Lithium-ion/Lithium-polymer Battery Protection IC
logo
Fortune Semiconductor C...
FS3332 FORTUNE-FS3332 Datasheet
997Kb / 23P
Two Cell Lithium-ion/Polymer Battery Protection
logo
HYCON Technology Corpor...
HY2115 HYCON-HY2115 Datasheet
1Mb / 27P
1-cell lithium ion/lithium polymer battery protection IC
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
One-cell lithium-ion/lithium-polymer battery protection IC
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com