Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRG09 Datasheet (PDF) - Toshiba Semiconductor

CRG09 Datasheet PDF - Toshiba Semiconductor
Part # CRG09
Download  CRG09 Download
File Size   188.3 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description General Purpose Rectifier Applications

CRG09 Datasheet (PDF)

Go To PDF Page Download Datasheet
CRG09 Datasheet PDF - Toshiba Semiconductor

Part # CRG09
Download  CRG09 Click to download

File Size   188.3 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description General Purpose Rectifier Applications

CRG09 Datasheet (HTML) - Toshiba Semiconductor


CRG09 Product details

General Purpose Rectifier Applications



•  Repetitive peak reverse voltage: VRRM= 400 V

•  Average forward current: IF (AV)= 1.0 A

•  Forward voltage: VFM= 1.1 V (max) (@IFM = 0.7 A)

•  High ESD Capability

•  Suitable for high-density board assembly due to the use of a small surface-mount package, S−FLATTM




Similar Part No. - CRG09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRG09A TOSHIBA-CRG09A Datasheet
307Kb / 7P
Rectifier Diode Silicon Diffused Junction
CRG09B TOSHIBA-CRG09B Datasheet
306Kb / 7P
Rectifier Diode Silicon Diffused Junction
More results


Similar Description - CRG09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1R5JZ41 TOSHIBA-1R5JZ41 Datasheet
135Kb / 2P
RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
1S1829 TOSHIBA-1S1829 Datasheet
116Kb / 2P
RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
07-Jul-1998
1S1830 TOSHIBA-1S1830 Datasheet
134Kb / 2P
RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
02-Dec-1996
1S1885A TOSHIBA-1S1885A Datasheet
131Kb / 2P
RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
02-Dec-1996
1S2460 TOSHIBA-1S2460 Datasheet
93Kb / 2P
GENERAL PURPOSE RECTIFIER APPLICATIONS.
U10LC48 TOSHIBA-U10LC48_07 Datasheet
206Kb / 4P
General Purpose Rectifier Applications
06-Nov-2006
CRG03 TOSHIBA-CRG03 Datasheet
165Kb / 4P
General Purpose Rectifier Applications
logo
Guangdong Kexin Industr...
1N4001WS KEXIN-1N4001WS Datasheet
63Kb / 2P
General Purpose Rectifier Applications
logo
Toshiba Semiconductor
CMG03 TOSHIBA-CMG03 Datasheet
155Kb / 4P
General Purpose Rectifier Applications
U2JC44 TOSHIBA-U2JC44 Datasheet
154Kb / 3P
GENERAL PURPOSE RECTIFIER APPLICATIONS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com