Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

644040-8 Datasheet (PDF) - Tyco Electronics

644040-8 Datasheet PDF - Tyco Electronics
Part # 644040-8
Download  644040-8 Download
File Size   119.04 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description MTA.100 CONNECTOR ASSEMBLY 26 AWG, STANDARD

644040-8 Datasheet (PDF)

Go To PDF Page Download Datasheet
644040-8 Datasheet PDF - Tyco Electronics

Part # 644040-8
Download  644040-8 Click to download

File Size   119.04 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description MTA.100 CONNECTOR ASSEMBLY 26 AWG, STANDARD

644040-8 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 644040-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
644040 MACOM-644040 Datasheet
2Mb / 84P
MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
logo
TE Connectivity Ltd
644040 TEC-644040 Datasheet
2Mb / 84P
MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
644040 TEC-644040 Datasheet
7Mb / 66P
MTA, CST-100 II and SL-156 Connectors
644040 TEC-644040 Datasheet
2Mb / 84P
MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
644040 TEC-644040 Datasheet
2Mb / 84P
MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
More results


Similar Description - 644040-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-644038-5 MACOM-3-644038-5 Datasheet
131Kb / 1P
MTA-100 CONNECTOR ASSEMBLY, 22 AWG, STANDARD
4-644540-1 MACOM-4-644540-1 Datasheet
114Kb / 1P
MTA 100 CONNECTOR ASSEMBLY, 22 AWG, STANDARD
640430 MACOM-640430 Datasheet
136Kb / 1P
MTA 156 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
640435 MACOM-640435 Datasheet
148Kb / 1P
MTA-156 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
640441 MACOM-640441 Datasheet
140Kb / 1P
MTA-100 CONNECTOR ASSEMBLY, 24 AWG, STANDARD
640442 MACOM-640442 Datasheet
149Kb / 1P
MTA 100 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
641193 MACOM-641193 Datasheet
168Kb / 1P
MTA 100 CONNECTOR ASSEMBLY 28 AWG, STANDARD
641199 MACOM-641199 Datasheet
148Kb / 1P
MTA 100 CONNECTOR ASSEMBLY, 24 AWG, STANDARD
640622-6 MACOM-640622-6 Datasheet
146Kb / 1P
MTA-100 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
3-643813-2 MACOM-3-643813-2 Datasheet
155Kb / 1P
MTA 100 CONNECTOR ASSEMBLY, 22 AWG, STANDARD
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com