Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GT60M324 Datasheet (PDF) - Toshiba Semiconductor

GT60M324 Datasheet PDF - Toshiba Semiconductor
Part # GT60M324
Download  GT60M324 Download
File Size   188.35 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Consumer Application Voltage Resonance Inverter Switching Application

GT60M324 Datasheet (PDF)

Go To PDF Page Download Datasheet
GT60M324 Datasheet PDF - Toshiba Semiconductor

Part # GT60M324
Download  GT60M324 Click to download

File Size   188.35 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Consumer Application Voltage Resonance Inverter Switching Application

GT60M324 Datasheet (HTML) - Toshiba Semiconductor


GT60M324 Product details

Discrete IGBTs (PDF:875KB) 03/2011 :
http://toshiba.semicon-storage.com/info/docget.jsp?did=7429

* GT30G124

- Breakdown Voltage VCES(V) @Ta = 25C  :  430V

- IGBT Current Rating IC(A) @Ta = 25C : 200A



* GT30J124

- Breakdown Voltage VCES(V) @Ta = 25C  :  600V

- IGBT Current Rating IC(A) @Ta = 25C : 200A

Applications and Features : Plasma display panels




Similar Part No. - GT60M324

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT60M324 TOSHIBA-GT60M324 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results


Similar Description - GT60M324

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT40Q321 TOSHIBA-GT40Q321 Datasheet
175Kb / 6P
Voltage Resonance Inverter Switching Application
GT40Q322 TOSHIBA-GT40Q322 Datasheet
83Kb / 3P
Voltage Resonance Inverter Switching Application
GT40Q321 TOSHIBA-GT40Q321_06 Datasheet
157Kb / 6P
Silicon N Channel IEGT Voltage Resonance Inverter Switching Application
GT40Q323 TOSHIBA-GT40Q323_06 Datasheet
150Kb / 6P
Silicon N Channel IGBT Voltage Resonance Inverter Switching Application
GT60M323 TOSHIBA-GT60M323_06 Datasheet
168Kb / 6P
Silicon N Channel IGBT Voltage Resonance Inverter Switching Application
GT60N322 TOSHIBA-GT60N322 Datasheet
166Kb / 6P
Silicon N Channel IGBT Voltage Resonance Inverter Switching Application
GT50J122 TOSHIBA-GT50J122 Datasheet
160Kb / 6P
Current Resonance Inverter Switching Application
GT60J323H TOSHIBA-GT60J323H Datasheet
182Kb / 6P
Current Resonance Inverter Switching Application
GT40T321 TOSHIBA-GT40T321 Datasheet
210Kb / 6P
Consumer Application Voltage Resonance Inverter Switching Application
GT50J328 TOSHIBA-GT50J328 Datasheet
232Kb / 6P
Current Resonance Inverter Switching Application Fourth Generation IGBT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com