Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1568D Datasheet (PDF) - ON Semiconductor

AN1568D Datasheet PDF - ON Semiconductor
Part # AN1568D
Download  AN1568D Download
File Size   156.81 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.3V / 5V ECL 2-Input Differential XOR/XNOR

AN1568D Datasheet (PDF)

Go To PDF Page Download Datasheet
AN1568D Datasheet PDF - ON Semiconductor

Part # AN1568D
Download  AN1568D Click to download

File Size   156.81 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.3V / 5V ECL 2-Input Differential XOR/XNOR

AN1568D Datasheet (HTML) - ON Semiconductor


AN1568D Product details

Description
The MC10/100EP08 is a differential XOR/XNOR gate. The EP08 is ideal for applications requiring the fastest AC performance available.
The 100 Series contains temperature compensation.

Features
• 250 ps Typical Propagation Delay
• Maximum Frequency > 3 GHz Typical
• PECL Mode Operating Range: VCC = 3.0 V to 5.5 V with VEE = 0 V
• NECL Mode Operating Range: VCC = 0 V with VEE = −3.0 V to −5.5 V
• Open Input Default State
• Safety Clamp on Inputs
• Q Output Will Default LOW with Inputs Open or at VEE
• These are Pb−Free Devices




Similar Part No. - AN1568D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AN1568D ONSEMI-AN1568D Datasheet
86Kb / 10P
Interfacing Between LVDS and ECL
October, 2003 ??Rev. 8
More results


Similar Description - AN1568D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL07 ONSEMI-MC10EL07 Datasheet
71Kb / 2P
2-Input XOR/XNOR
1996 REV 2
MC10EP08 ONSEMI-MC10EP08 Datasheet
75Kb / 8P
Differential 2-Input XOR/XNOR
April, 2001 ??Rev. 3
logo
Micrel Semiconductor
SY10EP08V MICREL-SY10EP08V Datasheet
110Kb / 7P
5V/3.3V DIFFERENTIAL 2-INPUT XOR/XNOR
logo
List of Unclassifed Man...
AZ10EL07 ETC1-AZ10EL07 Datasheet
135Kb / 6P
ECL/PECL 2-Input XOR/XNOR
logo
ON Semiconductor
MC10E107 ONSEMI-MC10E107_06 Datasheet
127Kb / 8P
5V ECL Quint 2-Input XOR/XNOR Gate
November, 2006 ??Rev. 7
MC10EL07 ONSEMI-MC10EL07_06 Datasheet
145Kb / 9P
5.0 V ECL 2-Input XOR/XNOR
December, 2006 ??Rev. 6
logo
Arizona Microtek, Inc
AZ10EL07 AZM-AZ10EL07 Datasheet
73Kb / 6P
ECL/PECL 2-Input XOR/XNOR
logo
ON Semiconductor
MC10EP08DTG ONSEMI-MC10EP08DTG Datasheet
156Kb / 11P
3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
MC10EP08 ONSEMI-MC10EP08_16 Datasheet
178Kb / 10P
ECL 2-Input Differential XOR/XNOR
August, 2016 ??Rev. 7
logo
Semtech Corporation
SK10EL07U SEMTECH-SK10EL07U Datasheet
110Kb / 4P
2-Input XOR/XNOR
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com