Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC-12D Datasheet (PDF) - Epson Company

FC-12D Datasheet PDF - Epson Company
Part # FC-12D
Download  FC-12D Download
File Size   221.9 Kbytes
Page   2 Pages
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company
Description kHz RANGE CRYSTAL UNIT LOW PROFILE SMD

FC-12D Datasheet (PDF)

Go To PDF Page Download Datasheet
FC-12D Datasheet PDF - Epson Company

Part # FC-12D
Download  FC-12D Click to download

File Size   221.9 Kbytes
Page   2 Pages
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company
Description kHz RANGE CRYSTAL UNIT LOW PROFILE SMD

FC-12D Datasheet (HTML) - Epson Company


FC-12D Product details

kHz RANGE CRYSTAL UNIT LOW PROFILE SMD

• Frequency range : 32.768 kHz (32 kHz to 77.5 kHz)
• External dimensions : 2.05 × 1.25 × 0.35 mm···FC-12D
                                    : 2.05 × 1.2 × 0.6 mm···FC-12M
• Overtone order : Fundamental
• Applications : Smart card, Small devices···FC-12D
                       : Small devices···FC-12M




Similar Part No. - FC-12D

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
FC-122-D LABFACILITY-FC-122-D Datasheet
678Kb / 3P
Stainless Steel Compression Fittings
FC-122-D LABFACILITY-FC-122-D Datasheet
720Kb / 3P
Stainless Steel Compression Fittings – Tapered Thread (BSPT)
Mar-24
FC-122-D LABFACILITY-FC-122-D Datasheet
180Kb / 3P
Stainless Steel Compression Fittings
FC-123-D LABFACILITY-FC-123-D Datasheet
678Kb / 3P
Stainless Steel Compression Fittings
FC-123-D LABFACILITY-FC-123-D Datasheet
709Kb / 3P
Stainless Steel Compression Fittings – Parallel Thread (BSPP)
Mar-24
More results


Similar Description - FC-12D

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
FC-12M EPSONTOYOCOM-FC-12M Datasheet
461Kb / 2P
kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
FC-13E EPSONTOYOCOM-FC-13E Datasheet
447Kb / 2P
kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
FC-13F EPSONTOYOCOM-FC-13F Datasheet
307Kb / 2P
kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
FC-125 EPSONTOYOCOM-FC-125 Datasheet
337Kb / 2P
kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
FC-135 EPSONTOYOCOM-FC-135 Datasheet
331Kb / 2P
kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
MC-146 EPSONTOYOCOM-MC-146 Datasheet
320Kb / 2P
kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
MC-306 EPSONTOYOCOM-MC-306_10 Datasheet
189Kb / 1P
kHz RANGE CRYSTAL UNIT SMD
logo
Epson Company
FC-135 EPSON-FC-135 Datasheet
239Kb / 2P
kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
MC-146 EPSON-MC-146 Datasheet
254Kb / 2P
kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
logo
List of Unclassifed Man...
MC-306 ETC1-MC-306 Datasheet
261Kb / 2P
kHz RANGE CRYSTAL UNIT SMD
More results




About Epson Company


Epson is a Japanese company that specializes in the manufacture of electronics and imaging products.
The company was founded in 1942 and is headquartered in Suwa, Nagano, Japan.
Epson offers a wide range of products including printers, projectors, industrial automation equipment, and more.
The company is known for its expertise in precision electronics and its innovative technologies in the fields of imaging, printing, and visual communication.
Epson has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its consumer and business products, Epson also provides a range of products and solutions for industrial and commercial applications, such as print head technologies, robotic systems, and wearable devices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com