Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9831 Datasheet (PDF) - Analog Devices

AD9831 Datasheet PDF - Analog Devices
Part # AD9831
Download  AD9831 Download
File Size   540.2 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DIRECT DIGITAL SYNTGESIZER WAVEFORM GENERATOR

AD9831 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9831 Datasheet PDF - Analog Devices

Part # AD9831
Download  AD9831 Click to download

File Size   540.2 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DIRECT DIGITAL SYNTGESIZER WAVEFORM GENERATOR

AD9831 Datasheet (HTML) - Analog Devices


AD9831 Product details

GENERAL DESCRIPTION
This DDS device is a numerically controlled oscillator employing a phase accumulator, a sine look-up table and a 10-bit D/A converter integrated on a single CMOS chip. Modulation capabilities are provided for phase modulation and frequency modulation.
   
FEATURES
    3 V/5 V Power Supply
    25 MHz Speed
    On-Chip SINE Look-Up Table
    On-Chip 10-Bit DAC
    Parallel Loading
    Powerdown Option
    72 dB SFDR
    125 mW (5 V) Power Consumption
    40 mW (3 V) Power Consumption
    48-Pin LQFP
   
APPLICATIONS
    DDS Tuning
    Digital Demodulation
   




Similar Part No. - AD9831

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9831 AD-AD9831 Datasheet
172Kb / 16P
CMOS Complete DDS
REV.A
AD9831 AD-AD9831 Datasheet
540Kb / 16P
DIRECT DIGITAL SYNTHESIZER
REV. B
AD9831AST AD-AD9831AST Datasheet
172Kb / 16P
CMOS Complete DDS
REV.A
AD9831 AD-AD9831_15 Datasheet
540Kb / 16P
DIRECT DIGITAL SYNTHESIZER
REV. B
More results


Similar Description - AD9831

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR8038 EXAR-XR8038 Datasheet
150Kb / 16P
Precision Waveform Generator
XR-8038A EXAR-XR-8038A Datasheet
26Kb / 4P
Precision Waveform Generator
logo
ASM GmbH
7075 ASM-SENSOR-7075 Datasheet
1Mb / 8P
WAVEFORM GENERATOR
logo
Analog Devices
AD9832 AD-AD9832_13 Datasheet
527Kb / 28P
25 MHz Direct Digital Synthesizer, Waveform Generator
Rev. E
AD9835BRUZ AD-AD9835BRUZ Datasheet
701Kb / 28P
50 MHz Direct Digital Synthesizer, Waveform Generator
REV. A
logo
Keysight Technologies
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
Arbitrary Waveform Generator
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
Arbitrary Waveform Generator
N8241A KEYSIGHT-N8241A Datasheet
1Mb / 13P
Arbitrary Waveform Generator
logo
Analog Devices
AD9106 AD-AD9106_17 Datasheet
1Mb / 58P
Digital-to- Analog Converter and Waveform Generator
12/2017-Rev. A to Rev. B
AD9837 AD-AD9837_12 Datasheet
755Kb / 28P
Programmable Waveform Generator
12/12-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com