Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4380 Datasheet (PDF) - Asahi Kasei Microsystems

AK4380 Datasheet PDF - Asahi Kasei Microsystems
Part # AK4380
Download  AK4380 Download
File Size   226.35 Kbytes
Page   21 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 100dB 24BIT 96kHz 2CH DAC

AK4380 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK4380 Datasheet PDF - Asahi Kasei Microsystems

Part # AK4380
Download  AK4380 Click to download

File Size   226.35 Kbytes
Page   21 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 100dB 24BIT 96kHz 2CH DAC

AK4380 Datasheet (HTML) - Asahi Kasei Microsystems


AK4380 Product details

GENERAL DESCRIPTION
The AK4380 offers the perfect mix for cost and performance based audio systems. Using AKMs multi bit architecture for its modulator the AK4380 delivers a wide dynamic range while preserving linearity for improved THD+N performance. The AK4380 integrates a combination of SCF and CTF filters, removing the need for high cost external filters and increasing performance for systems with excessive clock jitter. The 24 Bit word length and 96kHz sampling rate make this part ideal for a wide range of applications including DVD and AC-3 systems. The AK4380 is offered in a space saving 16pin TSSOP package.

FEATURES
□ Sampling Rates Ranging from 8kHz to 96kHz
□ 128x Oversampling (Normal speed mode)
□ 64x Oversampling (Double speed mode)
□ 24Bit 8x FIR Digital Filter
□ 2nd order Analog LPF
□ On chip Buffer with Single End Output
□ Digital de-emphasis for 32k, 44.1k and 48kHz sampling
□ Soft mute
□ I/F format: 24bit MSB justified, 24/20/16bit LSB justified, I2S
□ Master clock: 256fs, 384fs, 512fs or 768fs (Normal speed mode) 128fs, 192fs, 256fs or 384fs (Double speed mode)
□ THD+N: -88dB
□ Dynamic Range: 100dB
□ High Tolerance to Clock Jitter
□ Power supply: 4.5 to 5.5V
□ Space Saving 16 Pin TSSOP (6.4mm x 5.0mm) Package




Similar Part No. - AK4380

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4381 AKM-AK4381 Datasheet
232Kb / 21P
108DB 192KHZ 24-BIT 2CH DAC
AK4381VT AKM-AK4381VT Datasheet
232Kb / 21P
108DB 192KHZ 24-BIT 2CH DAC
AK4382 AKM-AK4382 Datasheet
251Kb / 21P
112dB 192kHz 24-BIT SCH DAC
AK4382 AKM-AK4382 Datasheet
409Kb / 26P
EVALUATION BOARD REV.A FOR AK4382
AK4382A AKM-AK4382A Datasheet
246Kb / 21P
112dB 192kHz 24-Bit 2ch DAC
More results


Similar Description - AK4380

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4353 AKM-AK4353 Datasheet
254Kb / 33P
96kHz 24BIT DAC WITH DIT
AK4363 AKM-AK4363 Datasheet
248Kb / 29P
96kHz 24Bit DAC with PLL
AK4386 AKM-AK4386 Datasheet
129Kb / 16P
100DB 96KHZ 24 BIT 2CH
AK4344 AKM-AK4344 Datasheet
553Kb / 24P
100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
AKD4380 AKM-AKD4380_04 Datasheet
230Kb / 21P
96kHz sampling 24Bit?誇DAC
AK7740ET AKM-AK7740ET Datasheet
281Kb / 48P
24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7742 AKM-AK7742 Datasheet
346Kb / 16P
24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK4344 AKM-AK4344_10 Datasheet
413Kb / 25P
100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
AK4386ET AKM-AK4386ET Datasheet
237Kb / 18P
100dB 96kHz 24-Bit 2ch ?誇 DAC
AK4324 AKM-AK4324 Datasheet
166Kb / 18P
96kHz Sampling 24Bit DS DAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com