Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4516A Datasheet (PDF) - Asahi Kasei Microsystems

AK4516A Datasheet PDF - Asahi Kasei Microsystems
Part # AK4516A
Download  AK4516A Download
File Size   355.21 Kbytes
Page   39 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 3V 16BIT ADC&DAC WITH BUILT-IN PGA

AK4516A Datasheet (PDF)

Go To PDF Page Download Datasheet
AK4516A Datasheet PDF - Asahi Kasei Microsystems

Part # AK4516A
Download  AK4516A Click to download

File Size   355.21 Kbytes
Page   39 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 3V 16BIT ADC&DAC WITH BUILT-IN PGA

AK4516A Datasheet (HTML) - Asahi Kasei Microsystems


AK4516A Product details

FEATURE
1 . Resolution: 16 bits
2 . Recording Function
    • Analog Input PGA (Programmable Gain Amp)
    • Peak-Meter Output
    • Overflow Flag Output
    • Auto Limitter Circuit
    • Auto Recovery Circuit
    • HPF(fc=3.4Hz) for offset cancel
3 . Playback Function
    • Digital De-emphasis Filter(tc=50/15us, fs=32kHz, 44.1kHz, 48kHz)
4 . Analog-Through Mode
5 . Power Management
6 . ADC Input (Including the PGA)
    • Single-ended Input
    • Input Level: 1.7Vpp (=0.57×VA, VA=3V)
    • THD+N: -85dB
    • DR,S/N: 90dB
7 . DAC Output
    • Single-ended Output
    • Output Level: 1.8Vpp (=0.6×VA, VA=3V, RL≥10kΩ)
    • Frequency Response: ±0.5dB(∼20kHz)
    • THD+N: -86dB
    • DR,S/N: 90dB
8 . Master Clock: 256fs/384fs
9 . Audio Data Format
    • ADC: 16bit, MSB first, MSB justified, IIS, LSB justified(only BICK=64fs correspondent)
    • DAC: 16bit, MSB first, MSB justified, IIS, MSB justified
10 . Ta: -20∼85°C
11 . Power Supply: 2.5∼3.6V
12 . Power Dissipation: 18mA
13 . 24pinVSOP (0.65mm Pitch)




Similar Part No. - AK4516A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4516A AKM-AK4516A Datasheet
951Kb / 18P
EVALUATION BOARD REV.A FOR AK4516A
More results


Similar Description - AK4516A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7712A-VT AKM-AK7712A-VT Datasheet
968Kb / 87P
Built-in 20-bit ADC/DAC Sophisticated Audio DSP
logo
Rohm
BD7851FP ROHM-BD7851FP Datasheet
569Kb / 3P
LED driver IC with built-in 16bit shift register
logo
Wolfson Microelectronic...
WM8200 WOLFSON-WM8200 Datasheet
161Kb / 15P
40MSPS ADC with PGA
logo
Asahi Kasei Microsystem...
AK4563A AKM-AK4563A Datasheet
359Kb / 39P
Low Power 16bit 4ch ADC & 2ch DAC with ALC
AK4365 AKM-AK4365 Datasheet
393Kb / 38P
DAC with built-in PLL & HP-AMP
AK4368EG AKM-AK4368EG Datasheet
800Kb / 60P
DAC with built-in PLL & HP-AMP
AK4371 AKM-AK4371 Datasheet
870Kb / 62P
DAC with built-in PLL & HP-AMP
AK4372 AKM-AK4372 Datasheet
1Mb / 62P
DAC with built-in PLL & HP-AMP
logo
Rohm
BD9406KS2 ROHM-BD9406KS2 Datasheet
886Kb / 38P
28bit Audio DSP with Built-in 2ch ADC, 6ch DAC and ASRC
logo
Analog Devices
AD7192 AD-AD7192_17 Datasheet
559Kb / 41P
Sigma-Delta ADC with PGA
23-Feb-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com