Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4541 Datasheet (PDF) - Asahi Kasei Microsystems

AK4541 Datasheet PDF - Asahi Kasei Microsystems
Part # AK4541
Download  AK4541 Download
File Size   383.09 Kbytes
Page   31 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description AC??7 Rev 2.1 Multimedia Audio CODEC

AK4541 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK4541 Datasheet PDF - Asahi Kasei Microsystems

Part # AK4541
Download  AK4541 Click to download

File Size   383.09 Kbytes
Page   31 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description AC??7 Rev 2.1 Multimedia Audio CODEC

AK4541 Datasheet (HTML) - Asahi Kasei Microsystems


AK4541 Product details

General Description
The AK4541 is a 18bit high performance codec compliant with Audio Codec ’97 Rev 2.1 requirements. The AC Link serial interface allows the AK4541 to be used with digital controllers as well as custom logic accelerators to meet PC98 and PC99 requirements for a PCI audio solution.

Features
• AC’97 Rev. 2.1 Compliant
• 18bit Resolution A/D and D/A
• Exceeds a PC98/99 Performance Categories:
    A/D……………… 87dBA SNR
    D/A……………… 87dBA SNR
    D/A+Mixer…...… 85dBA SNR
    A-A……………… 92dBA SNR
• Analog Inputs:
    4 Stereo Inputs: LINE, CD, VIDEO, AUX
    Speakerphone and PC BEEP Inputs
    2 Independent MIC Inputs
• Direct PC_Beep Pass Through for lower system costs
• Analog Output:
    Stereo LINE Output with volume control
    True Line Level with volume control
    Mono Output with volume control
• Multiple codec Capability
    The AK4541 can work as a Primary or Secondary.
• EAPD(External Amplifier Powerdown) Support
• Power Supplies: Analog 3.3V, Digital 3.3V
• Lower Power Consumption: 135mW at full operation
• 48 Pin LQFP Package




Similar Part No. - AK4541

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4543 AKM-AK4543 Datasheet
385Kb / 31P
AC??7 Rev 2.1 Multimedia Audio CODEC
AK4543VQ AKM-AK4543VQ Datasheet
385Kb / 31P
AC??7 Rev 2.1 Multimedia Audio CODEC
AK4544 AKM-AK4544 Datasheet
381Kb / 35P
AC97 MULTIMEDIA AUDIO CODEC WITH SRC
AK4544A AKM-AK4544A Datasheet
381Kb / 35P
AC97 MULTIMEDIA AUDIO CODEC WITH SRC
AK4544AVQ AKM-AK4544AVQ Datasheet
381Kb / 35P
AC97 MULTIMEDIA AUDIO CODEC WITH SRC
More results


Similar Description - AK4541

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4543 AKM-AK4543 Datasheet
385Kb / 31P
AC??7 Rev 2.1 Multimedia Audio CODEC
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
AC??7 Audio Codec
November 1998
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
AC??7 Audio Codec
November 1998
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
AC??7 Audio CODEC
ES1921 ETC-ES1921 Datasheet
125Kb / 4P
AC 97 Rev 2.1 Audio CODEC
logo
National Semiconductor ...
LM4549A NSC-LM4549A Datasheet
528Kb / 28P
AC ??7 Rev 2.1 Codec with Sample Rate Conversion and National 3D Sound
LM4549B NSC-LM4549B Datasheet
933Kb / 28P
AC ??7 Rev 2.1 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
logo
Texas Instruments
LM4550BVHX TI1-LM4550BVHX Datasheet
1Mb / 43P
LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec
LM4549A TI1-LM4549A Datasheet
434Kb / 35P
AC 97 Rev 2.1 Multi-Channel Audio Codec
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
AC??7 Audio Codec
Rev 4.0 DEC 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com