Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5370 Datasheet (PDF) - Asahi Kasei Microsystems

AK5370 Datasheet PDF - Asahi Kasei Microsystems
Part # AK5370
Download  AK5370 Download
File Size   203.6 Kbytes
Page   27 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description USB I/F A/D CONVERTER

AK5370 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK5370 Datasheet PDF - Asahi Kasei Microsystems

Part # AK5370
Download  AK5370 Click to download

File Size   203.6 Kbytes
Page   27 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description USB I/F A/D CONVERTER

AK5370 Datasheet (HTML) - Asahi Kasei Microsystems


AK5370 Product details

General Description
The AK5370 is AD converter for USB audio, especially USB microphone . The AK5370 integrates USB serial interface engine, USB transceiver, audio class decoder, endpoints, and high quality AD converter into t he chip.

Features:
■ Incorporates USB Audio Controller
    USB Serial Interface Engine
    Audio Class Encoder/Decoder
    2 Endpoints (FIFO)
    USB transceiver
■ 16 bit A/D Converter
    1 channel
    Mute/Volume Control
    AGC pin for external control
    A/D S/N: 84dBA (44.1kHz, Gain = 0dB)
■ On-chip PLL
    5 Sampling Frequencies support
        8kHz, 11.025kHz
        22.05kHz, 44.1kHz, 48kHz
■ Programmable Gain Amplifier
    +20dB to –58dB
■ Single Power Supply, Low Power
    +3.3Volts±10%
■ Package
    24pin VSOP




Similar Part No. - AK5370

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5371 AKM-AK5371 Datasheet
256Kb / 32P
2CH A/D CONVERTER WITH USB I/F
AK5371A AKM-AK5371A Datasheet
309Kb / 32P
2ch A/D Converter with USB I/F
AK5371AVQ AKM-AK5371AVQ Datasheet
309Kb / 32P
2ch A/D Converter with USB I/F
AK5371VQ AKM-AK5371VQ Datasheet
256Kb / 32P
2CH A/D CONVERTER WITH USB I/F
AK5373 AKM-AK5373 Datasheet
567Kb / 53P
24-bit Stereo ADC with USB Interface
More results


Similar Description - AK5370

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5371 AKM-AK5371 Datasheet
256Kb / 32P
2CH A/D CONVERTER WITH USB I/F
AK4571 AKM-AK4571 Datasheet
309Kb / 54P
USB I/F Audio CODEC
logo
Toshiba Semiconductor
TC35080P TOSHIBA-TC35080P Datasheet
730Kb / 11P
10-BIT SERIAL I/O A/D CONVERTER
logo
Asahi Kasei Microsystem...
AK5371A AKM-AK5371A Datasheet
309Kb / 32P
2ch A/D Converter with USB I/F
logo
Hirose Electric
ZX360 HIROSE-ZX360 Datasheet
607Kb / 1P
Next Generation I/F Connector Supporting Micro USB 3.0
logo
E-Tech Electronics LTD
GSCLM393 ETL-GSCLM393 Datasheet
233Kb / 4P
D U A L D I F F E R E N T I A L C O M P A R AT O R
logo
Tripp Lite. All Rights ...
U00510I TRIPPLITE-U00510I Datasheet
480Kb / 2P
USB A-A Extension Cable (USB-A Left-Angle M to USB-A F), 10-in
U004010R TRIPPLITE-U004010R Datasheet
473Kb / 2P
USB 1.1 Gold Extension Cable (USB-A M-F)
U005-10I TRIPPLITE-U005-10I Datasheet
481Kb / 2P
USB A/A Extension Cable (USB-A Left-Angle M to USB-A F), 10-in.
logo
Texas Instruments
ADCV08832 TI1-ADCV08832 Datasheet
304Kb / 16P
8-Bit Serial I/O CMOS A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com