Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK6003AV Datasheet (PDF) - Asahi Kasei Microsystems

AK6003AV Datasheet PDF - Asahi Kasei Microsystems
Part # AK6003AV
Download  AK6003AV Download
File Size   148.91 Kbytes
Page   17 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description SOFTWARE WRITE PROTECT I2C BUS 2KBIT EEPROM

AK6003AV Datasheet (PDF)

Go To PDF Page Download Datasheet
AK6003AV Datasheet PDF - Asahi Kasei Microsystems

Part # AK6003AV
Download  AK6003AV Click to download

File Size   148.91 Kbytes
Page   17 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description SOFTWARE WRITE PROTECT I2C BUS 2KBIT EEPROM

AK6003AV Datasheet (HTML) - Asahi Kasei Microsystems


AK6003AV Product details

General Description
The AK6003A is a 2048-bit serial CMOS E2PROM divided into 256 registers of 8 bits each. The AK6003A can operate full function under wide operating voltage range from 1.8V to 5.5V. The charge up circuit is integrated for high voltage generation that is used for write operation.

Features
□ ADVANCED CMOS EEPROM TECHNOLOGY
□ READ/WRITE NON-VOLATILE MEMORY
□ WIDE VCC OPERATION ... Vcc = 1.8V  5.5V
□ 2048 bits, 256x8 organization
□ I2CTM SERIAL INTERFACE
□ LOW POWER CONSUMPTION
    - 0.8μA Max. Standby
□ HIGH RELIABILITY
    - Endurance : 100K cycles
    - Data Retention : 10 years
□ 16 byte page write mode
□ Software Write Protection (lower 128 bytes)
    Hardware Write Protection (entire array)
□ Automatic write cycle time-out with auto-ERASE
□ IDEAL FOR LOW DENSITY DATA STORAGE
    - Low cost, space saving, 8-pin package (TSSOP)




Similar Part No. - AK6003AV

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6002A AKM-AK6002A Datasheet
176Kb / 18P
I2C BUS 2K/4K/16K BIT SERIAL CMOS EEPROM
AK6002AF AKM-AK6002AF Datasheet
176Kb / 18P
I2C BUS 2K/4K/16K BIT SERIAL CMOS EEPROM
AK6002AV AKM-AK6002AV Datasheet
176Kb / 18P
I2C BUS 2K/4K/16K BIT SERIAL CMOS EEPROM
AK6004A AKM-AK6004A Datasheet
176Kb / 18P
I2C BUS 2K/4K/16K BIT SERIAL CMOS EEPROM
AK6004A AKM-AK6004A Datasheet
164Kb / 16P
I2C bus 4K / 16Kbit Serial CMOS EEPROM
More results


Similar Description - AK6003AV

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
34AA02 MICROCHIP-34AA02 Datasheet
399Kb / 32P
2K I2C??Serial EEPROM Software Write-Protect
2010
34VL02 MICROCHIP-34VL02 Datasheet
813Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
2008
34AA02 MICROCHIP-34AA02_11 Datasheet
602Kb / 36P
2K I2C??Serial EEPROM Software Write-Protect
2011
34LC02T-I MICROCHIP-34LC02T-I Datasheet
631Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA02-I MICROCHIP-34AA02-I Datasheet
532Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34LC02T-I MICROCHIP-34LC02T-I Datasheet
532Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
24AA52 MICROCHIP-24AA52_11 Datasheet
822Kb / 36P
EEPROM with Software Write-Protect
08/02/11
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
logo
ON Semiconductor
CAT24S64 ONSEMI-CAT24S64 Datasheet
124Kb / 12P
EEPROM Serial 64-Kb I2C with Software Write Protect
September, 2018 ??Rev. 2
logo
Microchip Technology
34AA02 MICROCHIP-34AA02_V01 Datasheet
499Kb / 40P
2-Kbit I2C Serial EEPROM Software Write-Protect
Revision G 04/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com