Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK9822 Datasheet (PDF) - Asahi Kasei Microsystems

AK9822 Datasheet PDF - Asahi Kasei Microsystems
Part # AK9822
Download  AK9822 Download
File Size   171.85 Kbytes
Page   17 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 2K / 4Kbit EEPROM with 2ch 8bit D/A Converter

AK9822 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK9822 Datasheet PDF - Asahi Kasei Microsystems

Part # AK9822
Download  AK9822 Click to download

File Size   171.85 Kbytes
Page   17 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 2K / 4Kbit EEPROM with 2ch 8bit D/A Converter

AK9822 Datasheet (HTML) - Asahi Kasei Microsystems


AK9822 Product details

General Description
The AK9822/24 includes 2 channel, 8 bit D/A converters with on-chip output buffer amps and it is capable to store the input digital data of each D/A converter by on-chip non-volatile CMOS EEPROM. The AK9822/24 is optimally designed for various circuit adjustments for consumer and industrial equipments and it is ideally suited for replacing mechanical trimmers.

Feature
□ EEPROM section
    AK9822 • • • 128 words Õ 16bit
    AK9824 • • • 256 words Õ 16bit
    One chip microcomputer interface
    Sequential register read
□ D/A Converter section
    2 channel
    Resolution : 8bit
    Differential Non-Linearity : ‘1.0 LSB
    Linearity Error : ‘1.5 LSB
    Output Voltage Range : GND ∼ VCC
□ Wide VCC operation
    • EEPROM section : 1.8V∼5.5V
    • D/A Converter Section : 2.7V∼5.5V
□ Power Down Function




Similar Part No. - AK9822

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK9813A AKM-AK9813A Datasheet
232Kb / 24P
12ch 8bit D/A Converter with EEPROM
AK9813AF AKM-AK9813AF Datasheet
232Kb / 24P
12ch 8bit D/A Converter with EEPROM
AK9813B AKM-AK9813B Datasheet
195Kb / 24P
12ch 8bit D/A Converter with EEPROM
AK9813BF AKM-AK9813BF Datasheet
195Kb / 24P
12ch 8bit D/A Converter with EEPROM
logo
List of Unclassifed Man...
AK9813BF ETC1-AK9813BF Datasheet
41Kb / 2P
24pin VSOP
More results


Similar Description - AK9822

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK9813A AKM-AK9813A Datasheet
232Kb / 24P
12ch 8bit D/A Converter with EEPROM
AK9844 AKM-AK9844 Datasheet
156Kb / 17P
4Kbit EEPROM with 4ch 8bit D/A Converter
logo
Rohm
BH2219FVM ROHM-BH2219FVM Datasheet
171Kb / 5P
8bit 2ch D/A converter
BR25L040-W ROHM-BR25L040-W Datasheet
337Kb / 6P
SPI BUS 4Kbit (512 x 8bit) EEPROM
logo
Asahi Kasei Microsystem...
AK9813B AKM-AK9813B Datasheet
195Kb / 24P
12ch 8bit D/A Converter with EEPROM
AK9844A AKM-AK9844A Datasheet
132Kb / 17P
4Kbit EEPROM with 4ch 8bit D/A Converter
AK93C45C AKM-AK93C45C Datasheet
155Kb / 16P
1K/2K/4Kbit Serial CMOS EEPROM
logo
Rohm
BH2219FVM ROHM-BH2219FVM_15 Datasheet
1Mb / 17P
D/A Converters Standard 8bit 2ch ??3ch Type
logo
Asahi Kasei Microsystem...
AK93C45CL AKM-AK93C45CL Datasheet
154Kb / 16P
1K/2K/4Kbit Serial CMOS EEPROM
AK93C45CT AKM-AK93C45CT Datasheet
154Kb / 16P
1K/2K/4Kbit Serial CMOS EEPROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com