Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1013 Datasheet (PDF) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

2SA1013 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Part # 2SA1013
Download  2SA1013 Download
File Size   144.84 Kbytes
Page   1 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description TRANSISTOR (PNP)

2SA1013 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1013 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # 2SA1013
Download  2SA1013 Click to download

File Size   144.84 Kbytes
Page   1 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description TRANSISTOR (PNP)

2SA1013 Datasheet (HTML) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD


2SA1013 Product details

FEATURE
   Power dissipation
      PCM : 0.9 W (Tamb=25℃)
   Collector current
      ICM: -1A
   Collector-base voltage
      V(BR)CBO : -160 V
   Operating and storage junction temperature range
      TJ, Tstg: -55℃ to +150℃




Similar Part No. - 2SA1013

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1013 TOSHIBA-2SA1013 Datasheet
190Kb / 3P
TRANSISTOR (COLOR TV VERT. DEFELCTION OUTPUT APPLICATIONS)
logo
List of Unclassifed Man...
2SA1013 ETC-2SA1013 Datasheet
1Mb / 2P
TO 92MOD PLASTIC ENCAPSULATE TRANSISTORS
logo
Toshiba Semiconductor
2SA1013 TOSHIBA-2SA1013 Datasheet
159Kb / 5P
Color TV Verttical Deflection Output Applications Power Switching Applications
logo
SeCoS Halbleitertechnol...
2SA1013 SECOS-2SA1013 Datasheet
375Kb / 2P
PNP Plastic Encapsulated Transistor
logo
Toshiba Semiconductor
2SA1013 TOSHIBA-2SA1013 Datasheet
165Kb / 5P
Color TV Verttical Deflection Output Applications Power Switching Applications
More results


Similar Description - 2SA1013

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com