Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2540 Datasheet (PDF) - Allegro MicroSystems

2540 Datasheet PDF - Allegro MicroSystems
Part # 2540
Download  2540 Download
File Size   143.17 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description QUAD DARLINGTON POWER DRIVER

2540 Datasheet (PDF)

Go To PDF Page Download Datasheet
2540 Datasheet PDF - Allegro MicroSystems

Part # 2540
Download  2540 Click to download

File Size   143.17 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description QUAD DARLINGTON POWER DRIVER

2540 Datasheet (HTML) - Allegro MicroSystems


2540 Product details

Combining AND logic gates and inverting high-current bipolar outputs, the UDN2540B and A2540SLB quad Darlington power drivers provide interface between low-level signal-processing circuits and power loads totaling 360 W. Each of the four independent outputs can sink up to 1.8 A in the on state with peak inrush currents to 2.5 A. The four power outputs are each comprised of an open-collector Darlington driver and an internal flyback/clamp diode for switching inductive leads. They feature a minimum breakdown and sustaining voltage of 50 V. The logic inputs are compatible with TTL and 5 V CMOS logic systems.

FEATURES
■ 1.8 A Continuous Output Current
■ Output Voltage to 50 V
■ TTL and 5 V CMOS Compatible Inputs
■ Efficient Input/Output Pinning
■ Integral Transient-Suppression Diodes
■ Replaces L6221A and L6221CD




Similar Part No. - 2540

ManufacturerPart #DatasheetDescription
logo
Heyco.
2540 HEYCO-2540 Datasheet
154Kb / 1P
Threaded Smooth Bore Bushings
logo
pro-elec
2540 PRO-ELEC-2540 Datasheet
205Kb / 2P
Dry Lining Box
06/12/12 V1.0
logo
3M Electronics
2540-6003UG 3M-2540-6003UG Datasheet
1Mb / 6P
100 x .100 Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
logo
Weidmuller
2540000000 WEIDMULLER-2540000000 Datasheet
127Kb / 2P
A-series
05 May 2020 07:00:42
logo
Littelfuse
2540001Z LITTELFUSE-2540001Z Datasheet
102Kb / 1P
Fuse Blocks and Clips - For NANO2 Surface Mount Fuses
More results


Similar Description - 2540

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100313 NSC-100313 Datasheet
119Kb / 6P
Low Power Quad Driver
logo
STMicroelectronics
L6220 STMICROELECTRONICS-L6220 Datasheet
231Kb / 12P
QUAD DARLINGTON SWITCHES
Apr-1993
L6221A STMICROELECTRONICS-L6221A Datasheet
163Kb / 15P
QUAD DARLINGTON SWITCH
Jul-1998
L6221C STMICROELECTRONICS-L6221C Datasheet
181Kb / 15P
QUAD DARLINGTON SWITCH
May-1997
logo
Fairchild Semiconductor
100313 FAIRCHILD-100313 Datasheet
82Kb / 8P
Low Power Quad Driver
logo
Allegro MicroSystems
2544 ALLEGRO-2544 Datasheet
114Kb / 4P
QUAD DARLINGTON POWER DRIVER
logo
STMicroelectronics
L6221AS STMICROELECTRONICS-L6221AS Datasheet
1Mb / 15P
QUAD DARLINGTON SWITCH
Jun-2003
L6221C STMICROELECTRONICS-L6221C_03 Datasheet
1Mb / 15P
QUAD DARLINGTON SWITCH
Jul-2003
logo
Allegro MicroSystems
UDK2559LBTR ALLEGRO-UDK2559LBTR Datasheet
465Kb / 8P
Protected Quad Power Driver
logo
STMicroelectronics
L6221 STMICROELECTRONICS-L6221 Datasheet
768Kb / 22P
Quad Darlington switch
30-Mar-2009
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com