Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM337D2TG Datasheet (PDF) - ON Semiconductor

LM337D2TG Datasheet PDF - ON Semiconductor
Part # LM337D2TG
Download  LM337D2TG Download
File Size   160.63 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1.5 A, Adjustable Output, Negative Voltage Regulator

LM337D2TG Datasheet (PDF)

Go To PDF Page Download Datasheet
LM337D2TG Datasheet PDF - ON Semiconductor

Part # LM337D2TG
Download  LM337D2TG Click to download

File Size   160.63 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1.5 A, Adjustable Output, Negative Voltage Regulator

LM337D2TG Datasheet (HTML) - ON Semiconductor


LM337D2TG Product details

The LM337 is an adjustable 3−terminal negative voltage regulator capable of supplying in excess of 1.5 A over an output voltage range of −1.2 V to −37 V. This voltage regulator is exceptionally easy to use and requires only two external resistors to set the output voltage. Further, it employs internal current limiting, thermal shutdown and safe area compensation, making it essentially blow−out proof.

Features
• Output Current in Excess of 1.5 A
• Output Adjustable between −1.2 V and −37 V
• Internal Thermal Overload Protection
• Internal Short Circuit Current Limiting Constant with Temperature
• Output Transistor Safe−Area Compensation
• Floating Operation for High Voltage Applications
• Eliminates Stocking many Fixed Voltages
• Available in Surface Mount D2PAK and Standard 3−Lead Transistor Package
• Pb−Free Packages are Available




Similar Part No. - LM337D2TG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM337D2TG ONSEMI-LM337D2TG Datasheet
133Kb / 10P
1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
LM337D2TG ONSEMI-LM337D2TG Datasheet
123Kb / 11P
1.5 A, Adjustable Output Negative Voltage Regulator
January, 2015 ??Rev. 10
More results


Similar Description - LM337D2TG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
logo
Seme LAB
IP137A SEME-LAB-IP137A Datasheet
43Kb / 4P
1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
ON Semiconductor
NCV317 ONSEMI-NCV317 Datasheet
133Kb / 12P
1.5 A Adjustable Output, Positive Voltage Regulator
August, 2005 ??Rev. 8
LM337 ONSEMI-LM337_06 Datasheet
133Kb / 10P
1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
logo
Seme LAB
IP137A SEME-LAB-IP137A_03 Datasheet
48Kb / 4P
1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
ON Semiconductor
LM317 ONSEMI-LM317_11 Datasheet
172Kb / 12P
1.5 A Adjustable Output, Positive Voltage Regulator
October, 2011 ??Rev. 12
LM317LB ONSEMI-LM317LB Datasheet
188Kb / 12P
1.5 A Adjustable Output Positive Voltage Regulator
April, 2013 ??Rev. 13
NCP317BTG ONSEMI-NCP317BTG Datasheet
208Kb / 12P
1.5 A Adjustable Output, Positive Voltage Regulator
April, 2013 ??Rev. 13
LM337 ONSEMI-LM337_15 Datasheet
123Kb / 11P
1.5 A, Adjustable Output Negative Voltage Regulator
January, 2015 ??Rev. 10
LM317 ONSEMI-LM317_16 Datasheet
127Kb / 12P
1.5 A Adjustable Output, Positive Voltage Regulator
January, 2016 ??Rev. 14
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com