Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TO-220 Datasheet (PDF) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

TO-220 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Part # TO-220
Download  TO-220 Download
File Size   126.24 Kbytes
Page   1 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description TRANSISTOR (NPN)

TO-220 Datasheet (PDF)

Go To PDF Page Download Datasheet
TO-220 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # TO-220
Download  TO-220 Click to download

File Size   126.24 Kbytes
Page   1 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description TRANSISTOR (NPN)

TO-220 Datasheet (HTML) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD


TO-220 Product details

FEATURES
   Power dissipation
      PCM: 2 W (Tamb=25℃)
   Collector current
      ICM: 3 A
   Collector-base voltage
      V(BR)CBO: 60 V
   Operating and storage junction temperature range
      TJ, Tstg: -55℃ to +150℃




Similar Part No. - TO-220

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TO-220 LITTELFUSE-TO-220 Datasheet
79Kb / 2P
Bi-directional Glass passivated junction
logo
Rohm
TO-220 ROHM-TO-220 Datasheet
373Kb / 8P
Packaging specifications
logo
Aavid, Thermal Division...
TO-220 AAVID-TO-220 Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
logo
List of Unclassifed Man...
TO-220 ETC2-TO-220 Datasheet
115Kb / 3P
TO-220 and TO-247 Style Power Resistor
logo
Kersemi Electronic Co.,...
TO-220 KERSEMI-TO-220 Datasheet
3Mb / 9P
400V N-Channel MOSFET
More results


Similar Description - TO-220

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com