Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5342BRU Datasheet (PDF) - Analog Devices

AD5342BRU Datasheet PDF - Analog Devices
Part # AD5342BRU
Download  AD5342BRU Download

File Size   327.49 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5 V to 5.5 V, 230 muA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs

AD5342BRU Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5342BRU Datasheet PDF - Analog Devices

Part # AD5342BRU
Download  AD5342BRU Click to download

File Size   327.49 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5 V to 5.5 V, 230 muA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs

AD5342BRU Datasheet (HTML) - Analog Devices

Back Button AD5342BRU Datasheet HTML 1Page - Analog Devices AD5342BRU Datasheet HTML 2Page - Analog Devices AD5342BRU Datasheet HTML 3Page - Analog Devices AD5342BRU Datasheet HTML 4Page - Analog Devices AD5342BRU Datasheet HTML 5Page - Analog Devices AD5342BRU Datasheet HTML 6Page - Analog Devices AD5342BRU Datasheet HTML 7Page - Analog Devices AD5342BRU Datasheet HTML 8Page - Analog Devices AD5342BRU Datasheet HTML 9Page - Analog Devices AD5342BRU Datasheet HTML 10Page - Analog Devices Next Button 

AD5342BRU Product details

GENERAL DESCRIPTION
The AD5332/AD5333/AD5342/AD5343 are dual 8-, 10-, and 12-bit DACs. They operate from a 2.5 V to 5.5 V supply consuming just 230 µA at 3 V, and feature a power-down pin, PD that further reduces the current to 80 nA. These devices incorporate an on-chip output buffer that can drive the output to both supply rails, while the AD5333 and AD5342 allow a choice of buffered or unbuffered reference input.

FEATURES
    AD5332: Dual 8-Bit DAC in 20-Lead TSSOP
    AD5333: Dual 10-Bit DAC in 24-Lead TSSOP
    AD5342: Dual 12-Bit DAC in 28-Lead TSSOP
    AD5343: Dual 12-Bit DAC in 20-Lead TSSOP
    Low Power Operation: 230 A @ 3 V, 300 A @ 5 V via PD Pin
    Power-Down to 80 nA @ 3 V, 200 nA @ 5 V
    2.5 V to 5.5 V Power Supply
    Double-Buffered Input Logic
    Guaranteed Monotonic by Design Over All Codes
    Buffered/Unbuffered Reference Input Options
    Output Range: 0–VREF or 0–2 VREF
    Power-On Reset to Zero Volts
    Simultaneous Update of DAC Outputs via LDAC Pin
    Asynchronous CLR Facility
    Low Power Parallel Data Interface
    On-Chip Rail-to-Rail Output Buffer Amplifiers
    Temperature Range: –40C to +105C

APPLICATIONS
    Portable Battery-Powered Instruments
    Digital Gain and Offset Adjustment
    Programmable Voltage and Current Sources
    Programmable Attenuators
    Industrial Process Control




Similar Part No. - AD5342BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5342BRU AD-AD5342BRU Datasheet
274Kb / 20P
   2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5342BRU AD-AD5342BRU Datasheet
327Kb / 20P
   2.5 V to 5.5 V, 230 A, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
More results






About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com