Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAP222 Datasheet (PDF) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

DAP222 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Part # DAP222
Download  DAP222 Download
File Size   87.77 Kbytes
Page   1 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description SWITCHING DIODE

DAP222 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAP222 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # DAP222
Download  DAP222 Click to download

File Size   87.77 Kbytes
Page   1 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description SWITCHING DIODE

DAP222 Datasheet (HTML) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD


DAP222 Product details

FEATURES:
    Power dissipation PD: 150 mW (Tamb=25℃)
    Collector current IF: 100 mA
    Collector-base voltage VR: 80 V
    Operating and storage junction temperature range TJ, Tstg: -55℃ to +150℃




Similar Part No. - DAP222

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DAP222 MOTOROLA-DAP222 Datasheet
90Kb / 6P
SOT-416/SC-90 PACKAGE COMMON ANODE DUAL SWITCHING DIODE SURFACE MOUNT
logo
ON Semiconductor
DAP222 ONSEMI-DAP222 Datasheet
54Kb / 6P
Common Anode Silicon Dual Switching Diodes
April, 2004 ??Rev. 4
logo
Diodes Incorporated
DAP222 DIODES-DAP222 Datasheet
63Kb / 4P
Ultra high speed switching
logo
Rohm
DAP222 ROHM-DAP222 Datasheet
530Kb / 3P
Switching diode
logo
ON Semiconductor
DAP222 ONSEMI-DAP222 Datasheet
59Kb / 5P
Common Anode Silicon Dual Switching Diodes
October, 2005 ??Rev. 5
More results


Similar Description - DAP222

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com