Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA022P1-00 Datasheet (PDF) - Alpha Industries

AA022P1-00 Datasheet PDF - Alpha Industries
Part # AA022P1-00
Download  AA022P1-00 Download
File Size   139.49 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 18-23 GHz GaAs MMIC Power Amplifier

AA022P1-00 Datasheet (PDF)

Go To PDF Page Download Datasheet
AA022P1-00 Datasheet PDF - Alpha Industries

Part # AA022P1-00
Download  AA022P1-00 Click to download

File Size   139.49 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 18-23 GHz GaAs MMIC Power Amplifier

AA022P1-00 Datasheet (HTML) - Alpha Industries


AA022P1-00 Product details

Description
Alpha’s two-stage balanced K band GaAs MMIC power amplifier has a typical P1 dB of 24.5 dBm with 13 dB associated gain and 11% power added efficiency at 23 GHz.The chip uses Alpha’s proven 0.25 µm MESFET technology, and is based upon MBE layers and electron beam lithography for the highest uniformity and repeatability.

Features
■ Single Bias Supply Operation (6 V)
■ 14 dB Typical Small Signal Gain
■ 24.5 dBm Typical P1 dB Output Power at 23 GHz
■ 0.25 µm Ti/Pd/Au Gates
■ 100% On-Wafer RF and DC Testing
■ 100% Visual Inspection to MIL-STD-883 MT 2010




Similar Part No. - AA022P1-00

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA022P2-00 ALPHA-AA022P2-00 Datasheet
126Kb / 2P
21-23 GHz GaAs MMIC Medium Power Amplifier
More results


Similar Description - AA022P1-00

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA022P2-00 ALPHA-AA022P2-00 Datasheet
126Kb / 2P
21-23 GHz GaAs MMIC Medium Power Amplifier
logo
Hittite Microwave Corpo...
HMC441LC3B HITTITE-HMC441LC3B Datasheet
259Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
HMC459 HITTITE-HMC459_07 Datasheet
287Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
HMC441 HITTITE-HMC441_09 Datasheet
281Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
HMC441LC3B HITTITE-HMC441LC3B_08 Datasheet
242Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
HMC451LP3 HITTITE-HMC451LP3 Datasheet
931Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 18 GHz
HMC459 HITTITE-HMC459_09 Datasheet
277Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
HMC1082LP4E HITTITE-HMC1082LP4E Datasheet
647Kb / 10P
GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER, 5.5 - 18 GHz
logo
Analog Devices
HMC441 AD-HMC441 Datasheet
372Kb / 8P
GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
HMC1082CHIP AD-HMC1082CHIP Datasheet
378Kb / 15P
5.5 GHz to 18 GHz, GaAs, pHEMT, MMIC, Medium Power Amplifier
8/2020-Rev. A to Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com