Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA032P1-00 Datasheet (PDF) - Alpha Industries

AA032P1-00 Datasheet PDF - Alpha Industries
Part # AA032P1-00
Download  AA032P1-00 Download
File Size   163.46 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 30-36 GHz GaAs MMIC Power Amplifier

AA032P1-00 Datasheet (PDF)

Go To PDF Page Download Datasheet
AA032P1-00 Datasheet PDF - Alpha Industries

Part # AA032P1-00
Download  AA032P1-00 Click to download

File Size   163.46 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 30-36 GHz GaAs MMIC Power Amplifier

AA032P1-00 Datasheet (HTML) - Alpha Industries


AA032P1-00 Product details

Description
Alpha’s two-stage reactively-matched Ka band GaAs MMIC power amplifier has a typical P1 dB of 25 dBm with 10 dB associated gain and 15% power added efficiency at 31 GHz. The chip uses Alpha’s proven 0.25 µm MESFET technology, and is based upon MBE layers and electron beam lithography for the highest uniformity and repeatability. The FETs employ surface passivation to ensure a rugged, reliable part with through-substrate via holes and gold-based backside metallization to facilitate solder or epoxy die attach processes.

Features
■ Single Gate and Drain Biases
■ 25 dBm Typical P1 dB Output Power at 31 GHz
■ 11 dB Typical Small Signal Gain
■ 0.25 µm Ti/Pd/Au Gates
■ 100% On-Wafer RF and DC Testing
■ 100% Visual Inspection to MIL-STD-883 MT 2010




Similar Part No. - AA032P1-00

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA032P1-A4 ALPHA-AA032P1-A4 Datasheet
649Kb / 4P
29-32 GHz Surface Mount Medium Power Amplifier
More results


Similar Description - AA032P1-00

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA035N1-00 ALPHA-AA035N1-00 Datasheet
173Kb / 3P
28-36 GHz GaAs MMIC Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC263 HITTITE-HMC263 Datasheet
212Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC282 HITTITE-HMC282 Datasheet
109Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER 36 - 40 GHz
logo
Skyworks Solutions Inc.
AA038P1-00 SKYWORKS-AA038P1-00 Datasheet
76Kb / 2P
36-39 GHz GaAs MMIC Driver Amplifier
logo
Hittite Microwave Corpo...
HMC263 HITTITE-HMC263_07 Datasheet
231Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E Datasheet
272Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4 HITTITE-HMC263LP4_09 Datasheet
272Kb / 1P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E_09 Datasheet
272Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC282 HITTITE-HMC282_00 Datasheet
153Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 36 - 40 GHz
HMC263LP4E HITTITE-HMC263LP4E_10 Datasheet
963Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com