Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4591VQ Datasheet (PDF) - Asahi Kasei Microsystems

AK4591VQ Datasheet PDF - Asahi Kasei Microsystems
Part # AK4591VQ
Download  AK4591VQ Download
File Size   480.24 Kbytes
Page   41 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description ?ε뒟?삠꺃??궭餓?4bit 4ch ADC 24bit 6ch DAC

AK4591VQ Datasheet (PDF)

Go To PDF Page Download Datasheet
AK4591VQ Datasheet PDF - Asahi Kasei Microsystems

Part # AK4591VQ
Download  AK4591VQ Click to download

File Size   480.24 Kbytes
Page   41 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description ?ε뒟?삠꺃??궭餓?4bit 4ch ADC 24bit 6ch DAC

AK4591VQ Datasheet (HTML) - Asahi Kasei Microsystems


AK4591VQ Product details

Overview
AK 4591 is a set of input selectors that selects 2 from 9 stereo inputs and distributes them to 2 built-in 24 bit ADC inputs.
These are CODECs of ADC4ch and DAC6ch. Since it is possible to select 2 types from 9 types of music sources, Suitable for rear seat entertainment applications in

Feature
Input selector
    -Select 2 arbitrary lines from 2 differential inputs + 7 single-ended inputs
ADC: 4 channels (2 stereo ADC lines)
    -24-bit 64 x Over-sampling delta sigma
    -DR, S / N: 97dBA (Fs: 48kHz when using differential input)
    -S / (N + D): 92 dB (Fs: when using 48 kHz differential input)
    -Supports sampling from 8kHz to 96kHz
    -Built-in HPF (High Pass Filter) for DC offset cancellation
DAC: 6 channels (3 stereo DACs)
    -24-bit 128 x Over-sampling advanced multi-bit
    -DR: 107dBA (6ch) (Fs: 48kHz)
    -S / N: 108dBA (6ch) (Fs: 48kHz)
    -S / (N + D): 90 dB (6 ch) (Fs: 48 kHz)
    -Supports sampling from 8kHz to 96kHz
Digital interface
    -Audio interface Serial data input 8ch
    -Audio interface serial data output 4ch
    -Microcomputer interface 1 input / output
Other
    -Power supply voltage: + 3.3V ± 0.3V
    -Operating temperature range: -40 ° C to 85 ° C
    -Package: 64pin LQFP (0.5mm pitch)




Similar Part No. - AK4591VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4591 AKM-AK4591 Datasheet
257Kb / 40P
24bit 4ch ADC 24bit 6ch DAC
More results


Similar Description - AK4591VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4591 AKM-AK4591 Datasheet
257Kb / 40P
24bit 4ch ADC 24bit 6ch DAC
AK7744VT AKM-AK7744VT Datasheet
444Kb / 50P
24bit 3ch ADC 24bit 4ch DAC with Audio DSP
AK4691 AKM-AK4691 Datasheet
1,017Kb / 80P
4ch ADC 2ch DAC with MIC/HP/SPK-AMP
AK7740ET AKM-AK7740ET Datasheet
281Kb / 48P
24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7742 AKM-AK7742 Datasheet
346Kb / 16P
24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7722 AKM-AK7722 Datasheet
457Kb / 28P
24bit 4ch ADC 24bit 4ch DAC with Audio DSP
AK7757VQ AKM-AK7757VQ Datasheet
656Kb / 24P
24bit 3ch ADC 4ch DAC Mic Amp ?낁뵷 Audio DSP
logo
HuaXinAn Electronics CO...
AK4456VN HUAXINAN-AK4456VN Datasheet
109Kb / 5P
6ch Premium DAC
logo
Rohm
BU2507FV ROHM-BU2507FV_15 Datasheet
1Mb / 21P
10bit 4ch/6ch D/A Converters
logo
Asahi Kasei Microsystem...
AK7757 AKM-AK7757 Datasheet
433Kb / 24P
Audio DSP with 24bit 3ch ADC 4ch DAC MIC Amp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com