Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA226-87 Datasheet (PDF) - Alpha Industries

AA226-87 Datasheet PDF - Alpha Industries
Part # AA226-87
Download  AA226-87 Download
File Size   329.27 Kbytes
Page   5 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC 4 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz

AA226-87 Datasheet (PDF)

Go To PDF Page Download Datasheet
AA226-87 Datasheet PDF - Alpha Industries

Part # AA226-87
Download  AA226-87 Click to download

File Size   329.27 Kbytes
Page   5 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC 4 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz

AA226-87 Datasheet (HTML) - Alpha Industries


AA226-87 Product details

Description
The AA226-87 is a 4 bit, single positive control GaAs IC FET digital attenuator. It requires DC blocking capacitors, positive supply voltage (VS) and four individual positive bit control voltages (V1–V4). The AA226-87 is particularly suited where high attenuation accuracy, low insertion loss and low intermodulation products are required. Typical applications include base station, wireless data and wireless local loop gain control circuits.

Features
■ Attenuation 1 dB Steps to 15 dB with High Accuracy
■ Single Positive Control (+3 to +5 V) for Each Bit
■ Low DC Power Consumption
■ Small Low Cost TSSOP-16 Plastic Package




Similar Part No. - AA226-87

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AA226-87 SKYWORKS-AA226-87 Datasheet
536Kb / 7P
GaAs IC 4-Bit Digital Attenuator, 1 dB LSB LF-2.5 GHz
AA226-87LF SKYWORKS-AA226-87LF Datasheet
536Kb / 7P
GaAs IC 4-Bit Digital Attenuator, 1 dB LSB LF-2.5 GHz
More results


Similar Description - AA226-87

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA101-80 ALPHA-AA101-80 Datasheet
249Kb / 5P
GaAs IC 5 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
AA102-80 ALPHA-AA102-80 Datasheet
281Kb / 5P
GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.5 GHz
AA105-86 ALPHA-AA105-86 Datasheet
400Kb / 5P
GaAs IC 4 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-3.0 GHz
AA106-86 ALPHA-AA106-86 Datasheet
108Kb / 3P
GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.0 GHz
AA264-87 ALPHA-AA264-87 Datasheet
244Kb / 5P
GaAs IC 4 Bit Digital Attenuator 2 dB LSB Positive Control 0.5-2 GHz
logo
Skyworks Solutions Inc.
AA102-80 SKYWORKS-AA102-80 Datasheet
448Kb / 7P
GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.5 GHz
AA101-80 SKYWORKS-AA101-80_07 Datasheet
487Kb / 7P
GaAs IC 5-Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
AA105-86 SKYWORKS-AA105-86 Datasheet
605Kb / 7P
GaAs IC 4-Bit Digital Attenuator, 1 dB LSB 0.5-3.0 GHz
AA106-86 SKYWORKS-AA106-86 Datasheet
182Kb / 5P
GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.0 GHz
AA264-87 SKYWORKS-AA264-87_05 Datasheet
571Kb / 7P
GaAs IC 4-Bit Digital Attenuator 2 dB LSB Positive Control 0.5-2 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com