Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM038S1-00 Datasheet (PDF) - Alpha Industries

AM038S1-00 Datasheet PDF - Alpha Industries
Part # AM038S1-00
Download  AM038S1-00 Download
File Size   88.2 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 33-43 GHz GaAs MMIC Single Balanced Down Converter Mixer

AM038S1-00 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM038S1-00 Datasheet PDF - Alpha Industries

Part # AM038S1-00
Download  AM038S1-00 Click to download

File Size   88.2 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 33-43 GHz GaAs MMIC Single Balanced Down Converter Mixer

AM038S1-00 Datasheet (HTML) - Alpha Industries


AM038S1-00 Product details

Description
Alpha’s single balanced GaAs Schottky diode mixer has a typical conversion loss of 6.5 dB at an LO power level as low as 6.5 dBm over the band 33–43 GHz. The chip uses Alpha’s proven Schottky diode technology, and is based upon MBE layers for the highest uniformity and repeatability. The diodes employ surface passivation to ensure a rugged, reliable part with through-substrate via holes and gold-based backside metallization to facilitate an epoxy die attach process. All chips are screened for DC diode parameters and lot samples are RF measured to guarantee performance.

Features
■ Low Conversion Loss, 6.5 dB
■ Low LO Power Requirement, 6 dBm
■ Wide IF Bandwidth, 0–5 GHz
■ No DC Bias Required




Similar Part No. - AM038S1-00

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AM038D1-00 ALPHA-AM038D1-00 Datasheet
168Kb / 2P
33.43 GHz GaAs MMIC Double Balanced Down Converter Mixer
AM038R1-00 ALPHA-AM038R1-00 Datasheet
123Kb / 2P
33-43 GHz GaAs MMIC Image Rejection Balanced Mixer
More results


Similar Description - AM038S1-00

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AM028D1-00 ALPHA-AM028D1-00 Datasheet
165Kb / 2P
26-33 GHz GaAs MMIC Double Balanced Down Converter Mixer
AM028D1-A2 ALPHA-AM028D1-A2 Datasheet
590Kb / 4P
26-33 GHz Surface Mount Double Balanced Down Converter Mixer
AM028R1-00 ALPHA-AM028R1-00 Datasheet
124Kb / 2P
26-33 GHz GaAs MMIC Image Rejection Balanced Mixer
AM028S1-00 ALPHA-AM028S1-00 Datasheet
90Kb / 2P
26-33 GHz GaAs MMIC Single Balanced Down Converter Mixer
AM028S1-A2 ALPHA-AM028S1-A2 Datasheet
586Kb / 4P
26-33 GHz Surface Mount Single Balanced Down Converter Mixer
AM038D1-00 ALPHA-AM038D1-00 Datasheet
168Kb / 2P
33.43 GHz GaAs MMIC Double Balanced Down Converter Mixer
AM038R1-00 ALPHA-AM038R1-00 Datasheet
123Kb / 2P
33-43 GHz GaAs MMIC Image Rejection Balanced Mixer
logo
Hittite Microwave Corpo...
HMC411MS8G HITTITE-HMC411MS8G Datasheet
210Kb / 6P
GaAs MMIC SINGLE-BALANCED MIXER, 10.0 - 15.0 GHz
HMC774 HITTITE-HMC774_09 Datasheet
250Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 7 - 43 GHz
HMC411MS8G HITTITE-HMC411MS8G_08 Datasheet
184Kb / 6P
GaAs MMIC SINGLE-BALANCED MIXER, 10 - 15 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com