Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F87T Datasheet (PDF) - Microchip Technology

PIC16F87T Datasheet PDF - Microchip Technology
Part # PIC16F87T
Download  PIC16F87T Download
File Size   2617.91 Kbytes
Page   228 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 18/20/28-Pin Enhan lashMicrocontrollers with nanoWatt Technology

PIC16F87T Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16F87T Datasheet PDF - Microchip Technology

Part # PIC16F87T
Download  PIC16F87T Click to download

File Size   2617.91 Kbytes
Page   228 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 18/20/28-Pin Enhan lashMicrocontrollers with nanoWatt Technology

PIC16F87T Datasheet (HTML) - Microchip Technology


PIC16F87T Product details

DEVICE OVERVIEW
This document contains device specific information for the operation of the PIC16F87/88 devices. Additional information may be found in the “PIC® Mid-Range MCU Family Reference Manual” (DS33023) which may be downloaded from the Microchip web site. This Reference Manual should be considered a complementary document to this data sheet and is highly recommended reading for a better understanding of the device architecture and operation of the peripheral modules.

Low-Power Features:
• Power-Managed modes:
    - Primary Run: RC oscillator, 76 A, 1 MHz, 2V
    - RC_RUN: 7 μA, 31.25 kHz, 2V
    - SEC_RUN: 9 μA, 32 kHz, 2V
    - Sleep: 0.1 μA, 2V
• Timer1 Oscillator: 1.8 μA, 32 kHz, 2V
• Watchdog Timer: 2.2 μA, 2V
• Two-Speed Oscillator Start-up

Oscillators:
• Three Crystal modes: - LP, XT, HS: up to 20 MHz
• Two External RC modes
• One External Clock mode: - ECIO: up to 20 MHz
• Internal oscillator block: - 8 user selectable frequencies: 31 kHz, 125 kHz, 250 kHz, 500 kHz, 1 MHz, 2 MHz, 4 MHz, 8 MHz

Peripheral Features:
• Capture, Compare, PWM (CCP) module:
    - Capture is 16-bit, max. resolution is 12.5 ns
    - Compare is 16-bit, max. resolution is 200 ns
    - PWM max. resolution is 10-bit
• 10-bit, 7-channel Analog-to-Digital Converter
• Synchronous Serial Port (SSP) with SPI (Master/Slave) and I2C™ (Slave)
• Addressable Universal Synchronous Asynchronous Receiver Transmitter (AUSART/SCI) with 9-bit address detection:
    - RS-232 operation using internal oscillator (no external crystal required)
• Dual Analog Comparator module:
    - Programmable on-chip voltage reference
    - Programmable input multiplexing from device inputs and internal voltage reference
    - Comparator outputs are externally accessible

Special Microcontroller Features:
• 100,000 erase/write cycles Enhanced Flash program memory typical
• 1,000,000 typical erase/write cycles EEPROM data memory typical
• EEPROM Data Retention: > 40 years
• In-Circuit Serial Programming™ (ICSP™) via two pins
• Processor read/write access to program memory
• Low-Voltage Programming
• In-Circuit Debugging via two pins
• Extended Watchdog Timer (WDT):
    - Programmable period from 1 ms to 268s
• Wide operating voltage range: 2.0V to 5.5V




Similar Part No. - PIC16F87T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F87T MICROCHIP-PIC16F87T Datasheet
4Mb / 230P
18/20/28-Pin Enhanced Flash MCUs with nanoWatt Technology
11/29/12 2002-2013
PIC16F87T-I/ML MICROCHIP-PIC16F87T-I/ML Datasheet
3Mb / 214P
18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
2003
PIC16F87T-I/P MICROCHIP-PIC16F87T-I/P Datasheet
3Mb / 214P
18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
2003
PIC16F87T-I/SO MICROCHIP-PIC16F87T-I/SO Datasheet
3Mb / 214P
18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
2003
PIC16F87T-I/SS MICROCHIP-PIC16F87T-I/SS Datasheet
3Mb / 214P
18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
2003
More results


Similar Description - PIC16F87T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F87 MICROCHIP-PIC16F87 Datasheet
3Mb / 214P
18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
2003
PIC16F87 MICROCHIP-PIC16F87_05 Datasheet
3Mb / 228P
18/20/28-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
2005
PIC16F1826 MICROCHIP-PIC16F1826 Datasheet
4Mb / 406P
18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16LF1847 MICROCHIP-PIC16LF1847 Datasheet
3Mb / 408P
18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16F1826 MICROCHIP-PIC16F1826_11 Datasheet
3Mb / 406P
18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16F1847 MICROCHIP-PIC16F1847 Datasheet
3Mb / 408P
18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16F87 MICROCHIP-PIC16F87_13 Datasheet
4Mb / 230P
18/20/28-Pin Enhanced Flash MCUs with nanoWatt Technology
11/29/12 2002-2013
PIC16F818 MICROCHIP-PIC16F818_13 Datasheet
2Mb / 178P
18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
11/29/12 2001-2013
PIC16F88-I-P MICROCHIP-PIC16F88-I-P Datasheet
4Mb / 230P
18/20/28-Pin Enhanced Flash MCUs with nanoWatt Technology
11/29/12
PIC16F1826-I MICROCHIP-PIC16F1826-I Datasheet
3Mb / 400P
18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
03/26/09
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com