Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AV132-315 Datasheet (PDF) - Alpha Industries

AV132-315 Datasheet PDF - Alpha Industries
Part # AV132-315
Download  AV132-315 Download
File Size   260.58 Kbytes
Page   4 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description HIP3??Variable Attenuator for DCS and PCS Base Stations

AV132-315 Datasheet (PDF)

Go To PDF Page Download Datasheet
AV132-315 Datasheet PDF - Alpha Industries

Part # AV132-315
Download  AV132-315 Click to download

File Size   260.58 Kbytes
Page   4 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description HIP3??Variable Attenuator for DCS and PCS Base Stations

AV132-315 Datasheet (HTML) - Alpha Industries


AV132-315 Product details

Description
The AV132-315 is a voltage controlled variable attenuator from Alpha’s series of HIP3™ components. It is specifically designed and specified for use as a wide dynamic range low distortion attenuator for DCS and PCS base station applications centered at 1837.5 MHz and 1960 MHz. The AV132-315 employs a monolithic quadrature hybrid and a pair of silicon PIN diodes to achieve the specified low distortion performance. It operates from 0–12 V with 1.6 mA typical control current at maximum attenuation. The AV132-315 is packaged in a small outline LGA (Land Grid Array) surface mount package with the internal elements affixed to an organic BT substrate.

Features
■ 23 dB Attenuation Range
■ 1.5 dB Insertion Loss, 1.5 SWR
■ 0–12 V Control Voltage
■ 43 dBm IP3
■ Small Footprint LGA Package
■ Designed for DCS/PCS Base Station Applications




Similar Part No. - AV132-315

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV13001 AVICTEK-AV13001 Datasheet
28Kb / 2P
NPN EPITAXIAL SILICON TRANSISTOR
AV13003 AVICTEK-AV13003 Datasheet
161Kb / 3P
TO-126 Triple Diffused NPN Transistor
AV13005 AVICTEK-AV13005 Datasheet
149Kb / 2P
TO-220 NPN SILICON POWER TRANSISTOR
AV13007 AVICTEK-AV13007 Datasheet
397Kb / 3P
TO-220 Plastic-Encapsulate Transistors
logo
Skyworks Solutions Inc.
AV131-315 SKYWORKS-AV131-315 Datasheet
265Kb / 4P
HIP3 Variable Attenuator for AMPS and GSM Base Stations
More results


Similar Description - AV132-315

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AV101-12 ALPHA-AV101-12 Datasheet
814Kb / 3P
HIP3??Variable Attenuator 0.80.1.00 GHz
AV133-315 ALPHA-AV133-315 Datasheet
250Kb / 3P
HIP3??Variable Attenuator for UMTS Base Stations
logo
Skyworks Solutions Inc.
AV131-315 SKYWORKS-AV131-315 Datasheet
265Kb / 4P
HIP3 Variable Attenuator for AMPS and GSM Base Stations
SKY12145-315 SKYWORKS-SKY12145-315 Datasheet
114Kb / 4P
HIP3??Variable Attenuator for UMTS Base Stations
SKY12144-315 SKYWORKS-SKY12144-315 Datasheet
119Kb / 5P
HIP3??Variable Attenuator for DCS and PCS Base Stations
SKY12143-315 SKYWORKS-SKY12143-315 Datasheet
118Kb / 5P
HIP3??Variable Attenuator for AMPS and GSM Base Stations
AV131-315 SKYWORKS-AV131-315_07 Datasheet
102Kb / 4P
HIP3??Variable Attenuator for AMPS and GSM Base Stations
logo
Vectron International, ...
C2400 VECTRON-C2400_06 Datasheet
105Kb / 5P
PCS Base Stations
C2420 VECTRON-C2420_06 Datasheet
108Kb / 6P
PCS Base Stations
C2530 VECTRON-C2530_06 Datasheet
115Kb / 5P
PCS Base Stations
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com