Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMN32111 Datasheet (PDF) - Panasonic Semiconductor

AMN32111 Datasheet PDF - Panasonic Semiconductor
Part # AMN32111
Download  AMN32111 Download
File Size   763.04 Kbytes
Page   8 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description High-sensitive human detection sensor with built-in amp.

AMN32111 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMN32111 Datasheet PDF - Panasonic Semiconductor

Part # AMN32111
Download  AMN32111 Click to download

File Size   763.04 Kbytes
Page   8 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description High-sensitive human detection sensor with built-in amp.

AMN32111 Datasheet (HTML) - Panasonic Semiconductor


AMN32111 Product details

FEATURES
1. Sensing circuits enclosed in a TO5 can
    The high-density embedded circuit design eliminates external sensing circuits. Advantages include reduced development and design schedules.
2. Super low current consumption
    Reduction of current consumption allows battery life to be extended for battery driven products, including wireless based and low power consumption devices.
3. Excellent noise resistance (Radiations noise, power supply noise)
    The entire circuitry is enclosed in a metal package, which means it has high electromagnetic shielding capability.
4. Miniaturized lenses with small elements
    A short focal length is all that’s required even when detecting at the same distance, which means both downsizing and high-sensitivity are achieved.

ADVANTAGES
• Simplified circuitry with fully integrated circuit design
• 1µA low current consumption with the proprietary design
• Excellent resistance to electromagnetic noise
• High Signal/Noise ratio to minimize false operation
• Environment-friendliness with “Lead-free” element

TYPICAL APPLICATIONS
• Lighting: lamp, automatic switch, street lighting
• Anti-crime devices: security camera, crime-prevention sensor
• Home appliance: air conditioner, air purifier, fan heater
• Commercial equipments: vending machine, copy machine
• Audio and Visual devices: TV, PC, display




Similar Part No. - AMN32111

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AMN32111 PANASONIC-AMN32111 Datasheet
449Kb / 8P
Passive infrared human detection sensor with built-in amp.
AMN32111 PANASONIC-AMN32111 Datasheet
449Kb / 8P
Passive infrared human detection sensor with built-in amp.
AMN32111 PANASONIC-AMN32111 Datasheet
1Mb / 8P
MOTION SENSOR (PASSIVE INFRARED TYPE)
AMN32111 PANASONIC-AMN32111 Datasheet
3Mb / 24P
PIR MOTION SENSORS
More results


Similar Description - AMN32111

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AMN24112 PANASONIC-AMN24112 Datasheet
449Kb / 8P
Passive infrared human detection sensor with built-in amp.
AMN32112 PANASONIC-AMN32112 Datasheet
449Kb / 8P
Passive infrared human detection sensor with built-in amp.
logo
Murata Manufacturing Co...
MA40H1S-R MURATA-MA40H1S-R Datasheet
174Kb / 2P
Human detection
logo
Shenzhen Huazhimei Semi...
HM5521 HMSEMI-HM5521 Datasheet
1Mb / 9P
Built-in high-precision voltage detection circuit
HM5428A HMSEMI-HM5428A Datasheet
573Kb / 7P
Built-in high-precision voltage detection circuit built-in MOSFET
HM5518A HMSEMI-HM5518A Datasheet
2Mb / 9P
Built-in high-precision voltage detection circuit built-in MOSFET
HM5520A HMSEMI-HM5520A Datasheet
1Mb / 9P
Built-in high-precision voltage detection circuit and built-in MOSFET
HM5421 HMSEMI-HM5421 Datasheet
380Kb / 7P
built-in high-precision voltage detection circuit
logo
STMicroelectronics
VL53L5CP STMICROELECTRONICS-VL53L5CP Datasheet
107Kb / 4P
Time-of-Flight ranging sensor for advanced human presence detection
June 2022 Rev 1
logo
Advantech Co., Ltd.
USC-130 ADVANTECH-USC-130_V01 Datasheet
736Kb / 2P
One by one human detection sensor
22-Mar-2021
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com