Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6085 Datasheet (PDF) - Linear Integrated Systems

LTC6085 Datasheet PDF - Linear Integrated Systems
Part # LTC6085
Download  LTC6085 Download
File Size   223.98 Kbytes
Page   16 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description Dual/Quad 1.5MHz, Rail-to-Rail, CMOS

LTC6085 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC6085 Datasheet PDF - Linear Integrated Systems

Part # LTC6085
Download  LTC6085 Click to download

File Size   223.98 Kbytes
Page   16 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description Dual/Quad 1.5MHz, Rail-to-Rail, CMOS

LTC6085 Datasheet (HTML) - Linear Integrated Systems


LTC6085 Product details

DESCRIPTION
The LTC®6084/LTC6085 are dual/quad, low cost, low offset, rail-to-rail input/output, unity-gain stable CMOS operational amplifi ers that feature 1pA of input bias current.
A 1.5MHz gain bandwidth, and 0.5V/μs slew rate, along with the wide supply range and a low 0.75mV offset, make the LTC6084/LTC6085 useful in an extensive variety of applications from data acquisition to medical equipment and consumer electronics. The 110μA supply current and the shutdown mode are ideal for signal processing applications which demand performance with minimal power.

FEATURES
■ Low Offset Voltage: 750μV Maximum
■ Low Offset Drift: 5μV/°C Maximum
■ Low Input Bias Current:
   1pA (Typical at 25°C)
   40pA (≤85°C)
■ Rail-to-Rail Inputs and Outputs
■ 2.5V to 5.5V Operation Voltage
■ Gain Bandwidth Product: 1.5MHz
■ CMRR: 70dB Minimum
■ PSRR: 95dB Minimum
■ Supply Current: 110μA per Amplifi er
■ Shutdown Current: 1.1μA per Amplifi er
■ Available in 8-Lead MSOP and 10-Lead DFN
   Packages (LTC6084) and 16-Lead SSOP and DFN
   Packages (LTC6085)

APPLICATIONS
■ Portable Test Equipment
■ Medical Equipment
■ Consumer Electronics
■ Data Acquisition




Similar Part No. - LTC6085

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6085 LINER-LTC6085 Datasheet
1Mb / 28P
1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6085 LINER-LTC6085 Datasheet
1Mb / 26P
30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
logo
Analog Devices
LTC6085 AD-LTC6085 Datasheet
802Kb / 26P
6.5MHz, 65μA Power Efficient Rail-to-Rail I/O Op Amps
Rev E
logo
Linear Technology
LTC6085 LINER-LTC6085_15 Datasheet
247Kb / 16P
Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifiers
More results


Similar Description - LTC6085

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS914 STMICROELECTRONICS-TS914_07 Datasheet
189Kb / 19P
Rail-to-rail CMOS quad operational amplifier
08-Jan-2007
logo
Linear Technology
LTC6084 LINER-LTC6084 Datasheet
240Kb / 16P
Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifi ers
LTC6087 LINER-LTC6087 Datasheet
1Mb / 16P
Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifi ers
logo
STMicroelectronics
TS914IDT STMICROELECTRONICS-TS914IDT Datasheet
1Mb / 17P
Rail-to-rail CMOS quad operational amplifier
06-Nov-2012
logo
Linear Integrated Syste...
LTC6088CDHC LINEAR-LTC6088CDHC Datasheet
263Kb / 16P
Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
LTC6087CDD LINEAR-LTC6087CDD Datasheet
263Kb / 16P
Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Linear Technology
LTC6084 LINER-LTC6084_15 Datasheet
247Kb / 16P
Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifiers
LTC6085 LINER-LTC6085_15 Datasheet
247Kb / 16P
Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifiers
LTC6087 LINER-LTC6087_15 Datasheet
312Kb / 16P
Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
LTC6088 LINER-LTC6088_15 Datasheet
312Kb / 16P
Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com