Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME7700 Datasheet (PDF) - Analog Microelectronics

AME7700 Datasheet PDF - Analog Microelectronics
Part # AME7700
Download  AME7700 Download
File Size   80.26 Kbytes
Page   11 Pages
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics
Description Switched Capacitor Voltage Doublers

AME7700 Datasheet (PDF)

Go To PDF Page Download Datasheet
AME7700 Datasheet PDF - Analog Microelectronics

Part # AME7700
Download  AME7700 Click to download

File Size   80.26 Kbytes
Page   11 Pages
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics
Description Switched Capacitor Voltage Doublers

AME7700 Datasheet (HTML) - Analog Microelectronics


AME7700 Product details

General Description
The AME7700 series of economical, Charge-Pump Converters efficiently double a +1.5V to +5.5V input to +3.0V to +11V, with a working current exceeding 100mA. Due to their simplicity, small size, and performance, these CMOS converters have numerous applications.

Features
● Small packages: SOT-25, SOT-26
● +1.5V to +5.5V Input Range
● 60uA Quiescent Current ( AME7700)
● 99% Conversion Efficiency
● Output Current Exceeding 100mA
● User Selectable Frequency ( AME7702)

Applications
● Cellular Phones
● Digital Cameras
● Battery Chargers
● High Tech Flashlights
● PDA’s - LCD displays
● Consumer Electronics
● Pagers
● Portable Electronics




Similar Part No. - AME7700

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AME7720 AKM-AME7720 Datasheet
267Kb / 16P
Step-Up/Step-Down 60mA Regulated Charge Pump
AME7720BEEV500Y AKM-AME7720BEEV500Y Datasheet
267Kb / 16P
Step-Up/Step-Down 60mA Regulated Charge Pump
AME7720BEEV500Z AKM-AME7720BEEV500Z Datasheet
267Kb / 16P
Step-Up/Step-Down 60mA Regulated Charge Pump
AME7720BEEY500Y AKM-AME7720BEEY500Y Datasheet
267Kb / 16P
Step-Up/Step-Down 60mA Regulated Charge Pump
AME7720BEEY500Z AKM-AME7720BEEY500Z Datasheet
267Kb / 16P
Step-Up/Step-Down 60mA Regulated Charge Pump
More results


Similar Description - AME7700

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
Switched Capacitor Voltage Converter
logo
Maxim Integrated Produc...
MAX1682 MAXIM-MAX1682 Datasheet
81Kb / 8P
Switched-Capacitor Voltage Doublers
Rev 1; 8/98
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
Switched-Capacitor Voltage Converter
logo
Microchip Technology
TCM828 MICROCHIP-TCM828_10 Datasheet
378Kb / 26P
Switched Capacitor Voltage Converters
2010
logo
Maxim Integrated Produc...
MAX1683EUKT MAXIM-MAX1683EUKT Datasheet
187Kb / 9P
Switched-Capacitor Voltage Doublers
Rev 3; 11/10
547799 MAXIM-547799 Datasheet
181Kb / 9P
Switched-Capacitor Voltage Doublers
Rev 3; 11/10
MAX1682EUK MAXIM-MAX1682EUK Datasheet
181Kb / 9P
Switched-Capacitor Voltage Doublers
Rev 3; 11/10
logo
Global Mixed-mode Techn...
G5931 GMT-G5931_15 Datasheet
63Kb / 1P
Switched Capacitor Voltage Inverter
logo
Maxim Integrated Produc...
MAX1682 MAXIM-MAX1682_V01 Datasheet
181Kb / 9P
Switched-Capacitor Voltage Doublers
2010
More results




About Analog Microelectronics


Analog Microelectronics is a semiconductor company that designs and manufactures integrated circuits (ICs) for a wide range of applications. The company was founded in 1993 and is headquartered in Mainz, Germany.

Analog Microelectronics' product portfolio includes sensors, sensor interfaces, and signal conditioning ICs. These products are used in a variety of applications, including automotive, industrial, medical, and consumer electronics.

Analog Microelectronics is known for its expertise in sensor technology and signal conditioning, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Analog Microelectronics also offers custom design and engineering services to meet the specific needs of its customers.

Analog Microelectronics has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable IC solutions that meet the evolving needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com