Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A416316B Datasheet (PDF) - AMIC Technology

A416316B Datasheet PDF - AMIC Technology
Part # A416316B
Download  A416316B Download
File Size   418.36 Kbytes
Page   25 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE

A416316B Datasheet (PDF)

Go To PDF Page Download Datasheet
A416316B Datasheet PDF - AMIC Technology

Part # A416316B
Download  A416316B Click to download

File Size   418.36 Kbytes
Page   25 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE

A416316B Datasheet (HTML) - AMIC Technology


A416316B Product details

The A416316B is a high performance CMOS Dynamic Random Access Memory organized as 65,536 words X 16 bits. The A416316B is fabricated with advanced CMOS technology and designed with innovative design techniques resulting in high speed, extremely low power and wide operating margins at component and system levels.

Features
● Organization: 65,536 words X 16 bits
● Part Identification:
   - A416316B
   - A416316B-L (with self-refresh mode)
● High speed
   - 30/35/40 ns RAS access time
   - 16/18/20 ns column address access time
   - 10/11/12 ns CAS access time
● Low power consumption
   - Operating: 75mA (-30 max)
   - Standby: 3 mA (TTL)
● Separate CAS (UCAS ,LCAS ) for byte selection
● Self refresh mode
● 256 refresh cycles, 4 ms refresh interval
● Read-modify-write, RAS -only, CAS -before- RAS , Hidden refresh capability
● TTL-compatible, three-state I/O
● JEDEC standard packages
   - 400mil, 40-pin SOJ
   - 400mil, 40/44 TSOP type II package
● Single 5V power supply/built-in VBB generator




Similar Part No. - A416316B

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A41681A13A102 MOLEX3-A41681A13A102 Datasheet
169Kb / 6P
3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, Polarizing Wall, 13 Circuits, Tin (Sn) Plating
A41681A13A197 MOLEX11-A41681A13A197 Datasheet
55Kb / 2P
KK짰 396 PCB Breakaway Header, , Vertical, Polarizing Wall, 13 Circuits, Tin (Sn) Plating
logo
MicroPower Direct, LLC
A416RU MPD-A416RU Datasheet
175Kb / 2P
Single & Dual Output, 4W Ultra-Wide Input Range DC/DC Converters
More results


Similar Description - A416316B

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C16256H MOSEL-V53C16256H Datasheet
146Kb / 19P
256K x 16 FAST PAGE MODE CMOS DYNAMIC RAM
V53C16256SH MOSEL-V53C16256SH Datasheet
145Kb / 19P
256K X 16 FAST PAGE MODE CMOS DYNAMIC RAM WITH SELF REFRESH
V53C816H MOSEL-V53C816H Datasheet
213Kb / 18P
512K X 16 FAST PAGE MODE CMOS DYNAMIC RAM
logo
Taiwan Memory Technolog...
T221160A TMT-T221160A Datasheet
134Kb / 14P
64K x 16 DYNAMIC RAM FAST PAGE MODE
logo
AMIC Technology
A426316B AMICC-A426316B Datasheet
419Kb / 25P
64K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
List of Unclassifed Man...
GLT41316 ETC-GLT41316 Datasheet
1Mb / 22P
64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
GLT41116 ETC1-GLT41116 Datasheet
106Kb / 16P
64k x 16 CMOS Dynamic RAM with Fast Page Mode
logo
Mosel Vitelic, Corp
V53C1664H MOSEL-V53C1664H Datasheet
213Kb / 18P
HIGH PERFORMANCE 64K X 16 BIT FAST PAGE MODE DUAL CAS CMOS DYNAMIC RAM
logo
Integrated Circuit Solu...
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
64K x 16 bit Dynamic RAM with EDO Page Mode
logo
AMIC Technology
A418316 AMICC-A418316 Datasheet
264Kb / 25P
256K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com