Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A42U2604 Datasheet (PDF) - AMIC Technology

A42U2604 Datasheet PDF - AMIC Technology
Part # A42U2604
Download  A42U2604 Download
File Size   265.95 Kbytes
Page   25 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE

A42U2604 Datasheet (PDF)

Go To PDF Page Download Datasheet
A42U2604 Datasheet PDF - AMIC Technology

Part # A42U2604
Download  A42U2604 Click to download

File Size   265.95 Kbytes
Page   25 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE

A42U2604 Datasheet (HTML) - AMIC Technology


A42U2604 Product details

General Description
The A42U2604 is a new generation randomly accessed memory for graphics, organized in a 4,194,304-word by 4-bit configuration. This product can execute Write and Read operation via CAS pin.
The A42U2604 offers an accelerated Fast Page Mode cycle with a feature called Extended Data Out (EDO). This allow random access of up to 2048(2K Ref.) words within a row at a 50/42/31 MHz EDO cycle, making the A42U2604 ideally suited for graphics, digital signal processing and high performance computing systems.

Features
■ Organization: 4,194,304 words X 4 bits
■ Part Identification
    - A42U2604 (2K Ref.)
■ Single 2.5V power supply/built-in VBB generator
■ Low power consumption
    - Operating: 70mA (-50 max)
    - Standby: 0.5mA (TTL), 0.2mA (CMOS), 300µA (Self-refresh current)
■ High speed
    - 50/60/80 ns RAS access time
    - 22/27/37 ns column address access time
    - 13/15/20 ns CAS access time
    - 20/24/32 ns EDO Page Mode Cycle Time
■ Industrial operating temperature range: -40°C to +85°C for -U
■ Fast Page Mode with Extended Data Out
■ 2K Refresh Cycle in 32ms
■ Read-modify-write, RAS -only, CAS -before- RAS , Hidden refresh capability
■ TTL-compatible, three-state I/O
■ JEDEC standard packages
    - 300mil, 24/26-pin SOJ
    - 300mil, 24/26-pin TSOP type II package




Similar Part No. - A42U2604

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A42U2604 AMICC-A42U2604 Datasheet
268Kb / 25P
4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604 AMICC-A42U2604_15 Datasheet
268Kb / 25P
4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Similar Description - A42U2604

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C316405A MOSEL-V53C316405A Datasheet
171Kb / 24P
3.3 VOLT 4M x 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C317405A MOSEL-V53C317405A Datasheet
175Kb / 24P
4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C516405A MOSEL-V53C516405A Datasheet
170Kb / 24P
4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C517405A MOSEL-V53C517405A Datasheet
170Kb / 24P
4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
logo
Taiwan Memory Technolog...
T2316405A TMT-T2316405A Datasheet
136Kb / 9P
4M x 4 DYNAMIC RAM EDO PAGE MODE???
logo
AMIC Technology
A42L2604 AMICC-A42L2604 Datasheet
259Kb / 25P
4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41LV44002A ICSI-IC41LV44002A Datasheet
297Kb / 20P
4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42L2604 AMICC-A42L2604_15 Datasheet
335Kb / 25P
4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604 AMICC-A42U2604_15 Datasheet
268Kb / 25P
4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A422604 AMICC-A422604 Datasheet
262Kb / 24P
4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com