Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A625308A Datasheet (PDF) - AMIC Technology

A625308A Datasheet PDF - AMIC Technology
Part # A625308A
Download  A625308A Download
File Size   141.08 Kbytes
Page   14 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 32K X 8 BIT CMOS SRAM

A625308A Datasheet (PDF)

Go To PDF Page Download Datasheet
A625308A Datasheet PDF - AMIC Technology

Part # A625308A
Download  A625308A Click to download

File Size   141.08 Kbytes
Page   14 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 32K X 8 BIT CMOS SRAM

A625308A Datasheet (HTML) - AMIC Technology


A625308A Product details

General Description
The A625308A is a low operating current 262,144-bit static random access memory organized as 32,768 words by 8 bits and operates on a voltage from 4.5V to 5.5V.
Inputs and three-state outputs are TTL compatible and allow for direct interfacing with common system bus structures.
Minimum standby power is drawn by this device when CE is at a high level, independent of the other input levels.
Data retention is guaranteed at a power supply voltage as low as 2.0V.

Features
■ Power Supply Range: 4.5V to 5.5V
■ Access times: 70 ns
    A625308A-S series: Operating: 35mA (max.)
                                     Standby: 10mA (max.)
    A625308A-SU series: Operating: 35mA (max.)
                                        Standby: 15mA (max.)
■ Extended operating temperature range: -40°C to 85°C for -SU series.
■ Full static operation, no clock or refreshing required
■ All inputs and outputs are directly TTL-compatible
■ Common I/O using three-state output
■ Data retention voltage: 2.0V (min.)
■ Available in 28-pin, DIP/SOP and TSOP




Similar Part No. - A625308A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
32K X 8 BIT CMOS SRAM
More results


Similar Description - A625308A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
32K X 8 BIT LOW POWER CMOS SRAM
UT61256 ETC-UT61256 Datasheet
185Kb / 10P
32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Hynix Semiconductor
HY62C256 HYNIX-HY62C256 Datasheet
376Kb / 11P
32K x 8-BIT CMOS SRAM
logo
AMIC Technology
A625308 AMICC-A625308 Datasheet
126Kb / 13P
32K X 8 BIT CMOS SRAM
logo
Alliance Semiconductor ...
AS6C62256 ALSC-AS6C62256 Datasheet
2Mb / 12P
32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
32K X 8 BIT LOW POWER CMOS SRAM
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
32K X 8 BIT LOW POWER CMOS SRAM
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
32K X 8 BIT CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
32K X 8 BIT LOW POWER CMOS SRAM
LY61L256 LYONTEK-LY61L256_17 Datasheet
852Kb / 14P
32K X 8 BIT HIGH SPEED CMOS SRAM
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com