Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A63L7332 Datasheet (PDF) - AMIC Technology

A63L7332 Datasheet PDF - AMIC Technology
Part # A63L7332
Download  A63L7332 Download
File Size   381.52 Kbytes
Page   17 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output

A63L7332 Datasheet (PDF)

Go To PDF Page Download Datasheet
A63L7332 Datasheet PDF - AMIC Technology

Part # A63L7332
Download  A63L7332 Click to download

File Size   381.52 Kbytes
Page   17 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output

A63L7332 Datasheet (HTML) - AMIC Technology


A63L7332 Product details

General Description
The A63L7332 is a high-speed, low-power SRAM containing 4,194,304 bits of bit synchronous memory, organized as 131,072 words by 32 bits.
The A63L7332 combines advanced synchronous peripheral circuitry, 2-bit burst control, input registers, output registers and a 128K X 32 SRAM core to provide a wide range of data RAM applications.

Features
■ Fast access times: 4.2/4.5/5.0 ns (143/133/100 MHZ)
■ Single +3.3V+10% or +3.3V-5% power supply
■ Synchronous burst function
■ Individual Byte Write control and Global Write
■ Registered output for pipelined applications
■ Three separate chip enables allow wide range of options for CE control, address pipelining
■ Selectable BURST mode
■ SLEEP mode (ZZ pin) provided
■ Available in 100-pin LQFP package




Similar Part No. - A63L7332

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A63L73321 AMICC-A63L73321 Datasheet
186Kb / 17P
128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L73321E-12 AMICC-A63L73321E-12 Datasheet
186Kb / 17P
128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
More results


Similar Description - A63L7332

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A63G7332 AMICC-A63G7332 Datasheet
382Kb / 17P
128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L73321 AMICC-A63L73321 Datasheet
186Kb / 17P
128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L0636 AMICC-A63L0636 Datasheet
257Kb / 17P
1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L7336 AMICC-A63L7336 Datasheet
257Kb / 17P
128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L8336 AMICC-A63L8336 Datasheet
257Kb / 17P
256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L73361 AMICC-A63L73361 Datasheet
262Kb / 16P
128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63P0636 AMICC-A63P0636 Datasheet
257Kb / 17P
1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63P7336 AMICC-A63P7336 Datasheet
257Kb / 17P
128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63P8336 AMICC-A63P8336 Datasheet
257Kb / 17P
256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63P73361 AMICC-A63P73361 Datasheet
262Kb / 16P
128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com