Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB01-15C Datasheet (PDF) - ON Semiconductor

SB01-15C Datasheet PDF - ON Semiconductor
Part # SB01-15C
Download  SB01-15C Download
File Size   312.95 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Schottky Barrier Diode 150V, 0.1A, Low IR, Single CP

SB01-15C Datasheet (PDF)

Go To PDF Page Download Datasheet
SB01-15C Datasheet PDF - ON Semiconductor

Part # SB01-15C
Download  SB01-15C Click to download

File Size   312.95 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Schottky Barrier Diode 150V, 0.1A, Low IR, Single CP

SB01-15C Datasheet (HTML) - ON Semiconductor


SB01-15C Product details

Features
• Low forward voltage (VF max=0.75V)
• Low switching noise
• Low leakage current and high reliability due to highly reliable planar structure
• Fast reverse recovery time (trr max=10ns)

Applications
• High frequency rectification (switching regulators, converters, choppers)




Similar Part No. - SB01-15C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB01-15C SANYO-SB01-15C Datasheet
48Kb / 3P
150V, 100mA Rectifier
SB01-15CP SANYO-SB01-15CP Datasheet
27Kb / 3P
150V, 100mA Rectifier
More results


Similar Description - SB01-15C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB3003CH SANYO-SB3003CH Datasheet
43Kb / 3P
Low IR Schottky Barrier Diode Low IR Schottky Barrier Diode
logo
Fuji Electric
MS862C08 FUJI-MS862C08 Datasheet
590Kb / 5P
Low IR Schottky Barrier Diode
MS868C12 FUJI-MS868C12 Datasheet
625Kb / 5P
Low IR Schottky Barrier Diode
PG865C15R FUJI-PG865C15R Datasheet
567Kb / 5P
Low IR Schottky Barrier Diode
TS862C10R FUJI-TS862C10R Datasheet
145Kb / 3P
Low IR Schottky barrier diode
YA862C04R FUJI-YA862C04R Datasheet
134Kb / 3P
Low IR Schottky barrier diode
YG865C06R FUJI-YG865C06R Datasheet
134Kb / 3P
Low IR Schottky barrier diode
YG868C04R FUJI-YG868C04R Datasheet
157Kb / 3P
Low IR Schottky barrier diode
MS865C15 FUJI-MS865C15 Datasheet
524Kb / 5P
Low IR Schottky Barrier Diode
logo
ON Semiconductor
SB07-03C-TB-E ONSEMI-SB07-03C-TB-E Datasheet
321Kb / 6P
Schottky Barrier Diode 30V, 0.7A, Low IR, Single CP
September, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com