Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29F002B-55PEB Datasheet (PDF) - Advanced Micro Devices

AM29F002B-55PEB Datasheet PDF - Advanced Micro Devices
Part # AM29F002B-55PEB
Download  AM29F002B-55PEB Download
File Size   436.41 Kbytes
Page   37 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory

AM29F002B-55PEB Datasheet (PDF)

Go To PDF Page Download Datasheet
AM29F002B-55PEB Datasheet PDF - Advanced Micro Devices

Part # AM29F002B-55PEB
Download  AM29F002B-55PEB Click to download

File Size   436.41 Kbytes
Page   37 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory

AM29F002B-55PEB Datasheet (HTML) - Advanced Micro Devices


AM29F002B-55PEB Product details

GENERAL DESCRIPTION
The Am29F002 Family consists of 2 Mbit, 5.0 volt-only Flash memory devices organized as 262,144 bytes. The Am29F002 offers the RESET# function, the Am29F002N does not. The data appears on DQ7– DQ0. The device is offered in 32-pin PLCC, 32-pin TSOP, and 32-pin PDIP packages. This device is designed to be programmed in-system with the standard system 5.0 volt VCC supply. No VPP is required for write or erase operations. The device can also be programmed in standard EPROM programmers.

DISTINCTIVE CHARACTERISTICS
■ Single power supply operation
    — 5.0 Volt-only operation for read, erase, and program operations
    — Minimizes system level requirements
■ High performance
    — Access times as fast as 55 ns
■ Low power consumption (typical values at 5 MHz)
    — 1 µA standby mode current
    — 20 mA read current
    — 30 mA program/erase current
■ Flexible sector architecture
    — One 16 Kbyte, two 8 Kbyte, one 32 Kbyte, and three 64 Kbyte sectors
    — Supports full chip erase
    — Sector Protection features:
        A hardware method of locking a sector to prevent any program or erase operations within that sector
        Sectors can be locked via programming equipment
        Temporary Sector Unprotect feature allows code changes in previously locked sectors
■ Top or bottom boot block configurations available
■ Embedded Algorithms
    — Embedded Erase algorithm automatically preprograms and erases the entire chip or any combination of designated sectors
    — Embedded Program algorithm automatically writes and verifies data at specified addresses
■ Minimum 100,000 write cycle guarantee per sector
■ Package option
    — 32-pin PDIP
    — 32-pin TSOP
    — 32-pin PLCC
■ Compatibility with JEDEC standards
    — Pinout and software compatible with singlepower supply Flash
    — Superior inadvertent write protection
■ Data# Polling and toggle bits
    — Provides a software method of detecting program or erase operation completion
■ Erase Suspend/Erase Resume
    — Suspends an erase operation to read data from, or program data to, a sector that is not being erased, then resumes the erase operation
■ Hardware reset pin (RESET#)
    — Hardware method to reset the device to reading array data (not available on Am29F002N)




Similar Part No. - AM29F002B-55PEB

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F002B AMD-AM29F002B Datasheet
792Kb / 40P
2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F002B AMD-AM29F002B Datasheet
796Kb / 42P
2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F002BB-120 AMD-AM29F002BB-120 Datasheet
792Kb / 40P
2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F002BB-55 AMD-AM29F002BB-55 Datasheet
792Kb / 40P
2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F002BB-55EC AMD-AM29F002BB-55EC Datasheet
796Kb / 42P
2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
More results


Similar Description - AM29F002B-55PEB

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F200A AMD-AM29F200A Datasheet
475Kb / 39P
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F400B AMD-AM29F400B Datasheet
515Kb / 37P
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29LV002 AMD-AM29LV002 Datasheet
448Kb / 34P
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29F002B AMD-AM29F002B Datasheet
792Kb / 40P
2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F200 AMD-AM29F200 Datasheet
519Kb / 39P
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29LV002B AMD-AM29LV002B_06 Datasheet
685Kb / 41P
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29F200B AMD-AM29F200B_06 Datasheet
810Kb / 41P
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F002B AMD-AM29F002B_06 Datasheet
796Kb / 42P
2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F400B AMD-AM29F400B_00 Datasheet
911Kb / 42P
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29F400B SPANSION-AM29F400B_09 Datasheet
862Kb / 43P
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com