Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWS5504-S14 Datasheet (PDF) - ANADIGICS, Inc

AWS5504-S14 Datasheet PDF - ANADIGICS, Inc
Part # AWS5504-S14
Download  AWS5504-S14 Download
File Size   293.06 Kbytes
Page   3 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description GaAs IC High Power Positive Control SPDT Reflective Switch DC-2.0 GHz

AWS5504-S14 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWS5504-S14 Datasheet PDF - ANADIGICS, Inc

Part # AWS5504-S14
Download  AWS5504-S14 Click to download

File Size   293.06 Kbytes
Page   3 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description GaAs IC High Power Positive Control SPDT Reflective Switch DC-2.0 GHz

AWS5504-S14 Datasheet (HTML) - ANADIGICS, Inc


AWS5504-S14 Product details

DESCRIPTION
The AWS5504 is a Single Pole Double Throw (SPDT) GaAs MMIC switch assembled in a SOT-6 plastic package. The AWS5504 is designed for analog and digital applications that require low insertion loss, high linearity, and small size. The switch can be controlled with positive, negative, or a combination of both voltages.

FEATURES
 • High Linearity (IP3 55 dBm @ 0.9 GHz)
 • Low Insertion Loss (0.35 dB @ 0.9 GHz)
 • +3 V to +5 V Operation
 • Low DC Power Consumption
 • Ultra Miniature SOT-6 Package

Typical applications include: transmit/receive switch, diversity switching, and antenna selection.




Similar Part No. - AWS5504-S14

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5504 ANADIGICS-AWS5504 Datasheet
74Kb / 8P
GaAs IC Negative Control SPDT Reflective Switch DC-2.0 GHz
Rev 2.1
AWS5504S14 ANADIGICS-AWS5504S14 Datasheet
74Kb / 8P
GaAs IC Negative Control SPDT Reflective Switch DC-2.0 GHz
Rev 2.1
More results


Similar Description - AWS5504-S14

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5502-S14 ANADIGICS-AWS5502-S14 Datasheet
303Kb / 3P
GaAs IC SPDT Reflective Switch Positive Control DC - 2.5 GHz
REV 0
AWS5503-S15 ANADIGICS-AWS5503-S15 Datasheet
306Kb / 3P
GaAs IC High Power SPDT Reflective Switch Positive Control DC - 3 GHz
REV 0
AWS5506S14 ANADIGICS-AWS5506S14 Datasheet
66Kb / 8P
GaAs IC SPDT Reflective Switch Positive Control DC - 2.5 GHz
Rev 2.1
AWS5502 ANADIGICS-AWS5502 Datasheet
194Kb / 8P
GaAs IC SPDT Reflective Switch Positive Control DC-2.5 GHz
Rev 1.0
AWS5503 ANADIGICS-AWS5503 Datasheet
536Kb / 8P
GaAs IC High Power SPDT Reflective Switch Positive Control DC-3 GHz
Rev 1.0
AWS5504 ANADIGICS-AWS5504 Datasheet
74Kb / 8P
GaAs IC Negative Control SPDT Reflective Switch DC-2.0 GHz
Rev 2.1
AWS5506 ANADIGICS-AWS5506 Datasheet
67Kb / 8P
GaAs IC SPDT Reflective Switch Positive Control DC - 2.5 GHz
Rev 2.1
AWS5516 ANADIGICS-AWS5516 Datasheet
60Kb / 8P
GaAs IC SPDT Reflective Switch DC-2.0 GHz
Rev 1.2
AWS5518 ANADIGICS-AWS5518 Datasheet
105Kb / 8P
GaAs IC SPDT Reflective Switch DC-2.0 GHz
Rev 1.0
logo
Skyworks Solutions Inc.
AS125-73 SKYWORKS-AS125-73 Datasheet
32Kb / 2P
GaAs IC SPDT Reflective Switch Positive Control DC-2.5 GHz
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com