Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWT1921S11 Datasheet (PDF) - ANADIGICS, Inc

AWT1921S11 Datasheet PDF - ANADIGICS, Inc
Part # AWT1921S11
Download  AWT1921S11 Download
File Size   372.55 Kbytes
Page   8 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description Integrated High Power Amp 1610 MHz

AWT1921S11 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWT1921S11 Datasheet PDF - ANADIGICS, Inc

Part # AWT1921S11
Download  AWT1921S11 Click to download

File Size   372.55 Kbytes
Page   8 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description Integrated High Power Amp 1610 MHz

AWT1921S11 Datasheet (HTML) - ANADIGICS, Inc


AWT1921S11 Product details

PRODUCT DESCRIPTION
The AWT1921 is a four stage monolithic amplifier for use in communication systems that require high gain and output intercept point. The device has been specifically designed for fixed satellite access equipment and handset booster amplifier applications.

FEATURES
 • High Output Intercept Point
 • High Linearity
 • True Surface Mount Package
 • Internal Bias Circuit Requiring Nominal Input Voltages ± 10%
 • Low Cost
 • Off Chip Output Matching Circuit Allows Application Optimization




Similar Part No. - AWT1921S11

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT1921S11 ANADIGICS-AWT1921S11 Datasheet
457Kb / 12P
Integrated High Power Amp 1610 MHz
Rev 1.0
More results


Similar Description - AWT1921S11

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC0904 MOTOROLA-MRFIC0904 Datasheet
147Kb / 8P
900 MHz GaAs TWO STAGE DRIVER AMP INTEGRATED CIRCUIT
logo
NTE Electronics
NTE1228 NTE-NTE1228 Datasheet
21Kb / 2P
Integrated Circuit Audio Power Amp, 2.1W
NTE828 NTE-NTE828 Datasheet
21Kb / 2P
Integrated Circuit Audio Power Amp, 1.5W
logo
ANADIGICS, Inc
AWT921S11 ANADIGICS-AWT921S11 Datasheet
335Kb / 5P
Integrated High Power Amp 900 MHz
Rev. 6
AWT921 ANADIGICS-AWT921 Datasheet
613Kb / 12P
900MHz Integrated Power Amp
Rev 2.0
AWT1921 ANADIGICS-AWT1921 Datasheet
457Kb / 12P
Integrated High Power Amp 1610 MHz
Rev 1.0
logo
NTE Electronics
NTE1240 NTE-NTE1240 Datasheet
72Kb / 2P
Integrated Circuit Audio Power Amp, 5.5W
NTE1278 NTE-NTE1278 Datasheet
73Kb / 2P
Integrated Circuit Audio Power Amp, 5.8W
NTE1110 NTE-NTE1110 Datasheet
82Kb / 3P
Integrated Circuit Audio Power Amp, 2W
NTE1381 NTE-NTE1381 Datasheet
81Kb / 2P
Integrated Circuit Audio Power Amp, 2.1W
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com