Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6706-RC Datasheet (PDF) - Bourns Electronic Solutions

6706-RC Datasheet PDF - Bourns Electronic Solutions
Part # 6706-RC
Download  6706-RC Download
File Size   94.1 Kbytes
Page   1 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description High Current Toroid Inductors (with header)

6706-RC Datasheet (PDF)

Go To PDF Page Download Datasheet
6706-RC Datasheet PDF - Bourns Electronic Solutions

Part # 6706-RC
Download  6706-RC Click to download

File Size   94.1 Kbytes
Page   1 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description High Current Toroid Inductors (with header)

6706-RC Datasheet (HTML) - Bourns Electronic Solutions


6706-RC Product details

Special Features
• Low radiation
• High current capacity
• High inductance
• Mounted on UL 94V-0 rated header
• Fixed pins for easy PCB insertion
• Operating temperature: -55 to +105 °C




Similar Part No. - 6706-RC

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
6706 FILTRONIC-6706 Datasheet
159Kb / 4P
PHASE SHIFTER DC TO 2,4 AND 8 GHZ, COAXIAL
logo
Pomona Electronics
6706 POMONA-6706 Datasheet
19Kb / 1P
F Type Bulkhead / Panel Feed Through Adapter
logo
API Technologies Corp
6706 APITECH-6706 Datasheet
145Kb / 4P
DC TO 2, 4 AND 8 GHz, COAXIAL
logo
Micropac Industries
67060 MICROPAC-67060 Datasheet
77Kb / 2P
SLOTTED OPTICAL INTERRUPTER PROTON AND TOTAL DOSE TOLERANT
67060-001 MICROPAC-67060-001 Datasheet
77Kb / 2P
SLOTTED OPTICAL INTERRUPTER PROTON AND TOTAL DOSE TOLERANT
More results


Similar Description - 6706-RC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2218 ETC1-2218 Datasheet
32Kb / 1P
high Current Toroid Inductors
logo
Bourns Electronic Solut...
6731 BOURNS-6731 Datasheet
94Kb / 1P
High Current Toroid Inductors (with header)
5722 BOURNS-5722 Datasheet
474Kb / 1P
High Current Toroid Inductors
2206-V-RC BOURNS-2206-V-RC Datasheet
111Kb / 1P
High Current Toroid Inductors
2221-H BOURNS-2221-H Datasheet
111Kb / 1P
High Current Toroid Inductors
2222-H BOURNS-2222-H Datasheet
111Kb / 1P
High Current Toroid Inductors
2111-H BOURNS-2111-H Datasheet
111Kb / 1P
High Current Toroid Inductors
2122-H BOURNS-2122-H Datasheet
117Kb / 1P
High Current Toroid Inductors
2322-H BOURNS-2322-H Datasheet
112Kb / 1P
High Current Toroid Inductors
2318-H-RC BOURNS-2318-H-RC Datasheet
112Kb / 1P
High Current Toroid Inductors
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com